Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74401RGWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74401RGWT
Description  3.0-A, Ultra-LDO with Programmable Soft-Start
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74401RGWT Datasheet(HTML) 1 Page - Texas Instruments

  TPS74401RGWT Datasheet HTML 1Page - Texas Instruments TPS74401RGWT Datasheet HTML 2Page - Texas Instruments TPS74401RGWT Datasheet HTML 3Page - Texas Instruments TPS74401RGWT Datasheet HTML 4Page - Texas Instruments TPS74401RGWT Datasheet HTML 5Page - Texas Instruments TPS74401RGWT Datasheet HTML 6Page - Texas Instruments TPS74401RGWT Datasheet HTML 7Page - Texas Instruments TPS74401RGWT Datasheet HTML 8Page - Texas Instruments TPS74401RGWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1V/div
500mV/div
Time(1ms/div)
C
=0 F
SS
m
C
=0.001 F
SS
m
C
=0.0047 F
SS
m
V
OUT
V
EN
0V
1.1V
TPS74401
GND
EN
FB
IN
PG
SS
OUT
V
IN
V
OUT
V
PG
R
1
R
2
R_pullup
C
OUT
Optional
C
IN
1 F
m
C
SS
V
BIAS
C
BIAS
1 F
m
BIAS
ADJUSTABLE VOLTAGE VERSION
FIXED VOLTAGE VERSION
TPS744xx
GND
EN
SNS
IN
PG
SS
OUT
V
IN
V
OUT
V
PG
C
OUT
Optional
C
IN
1 F
m
C
SS
V
BIAS
C
BIAS
1 F
m
BIAS
R_pullup
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS74401
SBVS066Q – DECEMBER 2005 – REVISED APRIL 2015
TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
1 Features
3 Description
The TPS74401 low-dropout (LDO) linear regulators
1
Input Voltage Range: 1.1 V to 5.5 V
provide an easy-to-use robust power-management
Soft-Start (SS) Pin Provides a Linear Startup With
solution for a wide variety of applications. The user-
Ramp Time Set by External Capacitor
programmable soft-start minimizes stress on the input
1% Accuracy Over Line, Load, and Temperature
power source by reducing capacitive inrush current
on start-up. The soft-start is monotonic and well-
Supports Input Voltages as Low as 0.9 V With
suited
for
powering
many
different
types
of
External Bias Supply
processors and application-specific integrated circuits
Adjustable Output: 0.8 V to 3.6 V
(ASICs). The enable input and power-good output
Ultra-Low Dropout: 115 mV at 3.0 A (typical)
allow easy sequencing with external regulators. This
complete flexibility lets the user configure a solution
Stable With Any or No Output Capacitor
that meets the sequencing requirements of field-
Excellent Transient Response
programmable gate arrays (FPGAs), digital signal
Open-Drain Power-Good (VQFN Only)
processors (DSPs), and other applications with
specific start-up requirements.
Available in 5-mm × 5-mm × 1-mm VQFN and
DDPAK-7 Packages
A precision reference and error amplifier deliver 1%
accuracy over load, line, temperature, and process.
2 Applications
The TPS74401 family of LDOs is stable without an
output capacitor or with ceramic output capacitors.
FPGA Applications
The device family is fully specified from TJ = –40°C to
DSP Core and I/O Voltages
125°C. The TPS74401 is offered in a small (5-mm ×
Post-Regulation Applications
5-mm) VQFN package, yielding a highly compact
total solution size. For applications that require
Applications With Special Start-Up Time or
additional power dissipation, the DDPAK (KTW)
Sequencing Requirements
package is also available.
Hot-Swap and Inrush Controls
Device Information(1)
Typical Application Circuits
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TO-263 (7)
10.10 mm × 8.89 mm
TPS74401
VQFN (20)
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Turn-On Response
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS74401RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401RGWT TI-TPS74401RGWT Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
TPS74401RGWT TI-TPS74401RGWT Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74401RGWTG4 TI-TPS74401RGWTG4 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
TPS74401RGWTG4 TI-TPS74401RGWTG4 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74401RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
   1A LDO with soft-start
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com