Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73601-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS73601-Q1
Description  TPS736xx-Q1, Cap-Free, NMOS, 400-mA Low-Dropout Regulator With Reverse Current Protection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73601-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS73601-Q1 Datasheet HTML 1Page - Texas Instruments TPS73601-Q1 Datasheet HTML 2Page - Texas Instruments TPS73601-Q1 Datasheet HTML 3Page - Texas Instruments TPS73601-Q1 Datasheet HTML 4Page - Texas Instruments TPS73601-Q1 Datasheet HTML 5Page - Texas Instruments TPS73601-Q1 Datasheet HTML 6Page - Texas Instruments TPS73601-Q1 Datasheet HTML 7Page - Texas Instruments TPS73601-Q1 Datasheet HTML 8Page - Texas Instruments TPS73601-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
TPS73601-Q1, TPS73625-Q1, TPS73633-Q1
SLVSAI3A – SEPTEMBER 2010 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPS73601-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI
Unregulated input voltage
1.7
5.5
V
VO
Output voltage
0
5.5
V
IOUT
Output current
0
500
mA
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS73601-Q1,
TPS73625-Q1,
TPS73633-Q1
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
221.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
74.9
°C/W
RθJB
Junction-to-board thermal resistance
51.9
°C/W
ψJT
Junction-to-top characterization parameter
2.8
°C/W
ψJB
Junction-to-board characterization parameter
51.1
°C/W
(1)
Minimum VIN = VOUT + VDO or 1.7 V, whichever is greater.
(2)
For VOUT(nom) < 1.6 V, when VIN ≤ 1.6 V, the output locks to VIN and may result in a damaging over-voltage level on the output. To avoid
this situation, disable the device before powering down the VIN.
(3)
TPS73601 is tested at VOUT = 2.5 V.
(4)
Tolerance of external resistors not included in this specification.
(5)
VDO is not measured for fixed output versions with VOUT(nom) < 1.8 V.
(6)
Fixed-voltage versions only; see Application and Implementation for more information.
6.5 Electrical Characteristics
Over operating temperature range (TA = –40°C to 125°C), VIN = VOUT(nom) + 0.5 V
(1), I
OUT = 10 mA, VEN = 1.7 V, and COUT =
0.1
μF, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage(1)(2)
1.7
5.5
V
VFB
Internal reference (TPS73601)
TJ = 25°C
1.198
1.2
1.21
V
VOUT
Output voltage (TPS73601)(3)
VFB
5.5 – VDO
V
Accuracy(1)(4)
Nominal
TJ = 25°C
–0.5%
0.5%
over VIN, IOUT, and T
VOUT + 0.5 V ≤ VIN ≤ 5.5 V;
10 mA
≤ IOUT ≤ 400 mA
–1%
±0.5%
1%
ΔVOUT%/ΔVIN
Line regulation(1)
VO(nom) + 0.5 V ≤ VIN ≤ 5.5 V
0.01
%/V
ΔVOUT%/ΔIOUT Load regulation
1 mA
≤ IOUT ≤ 400 mA
0.002
%/mA
10 mA
≤ IOUT ≤ 400 mA
0.0005
VDO
Dropout voltage(5)
(VIN = VOUT(nom) – 0.1 V)
IOUT = 400 mA
75
200
mV
ZO(DO)
Output impedance in dropout
1.7 V
≤ VIN ≤ VOUT + VDO
0.25
ICL
Output current limit
VOUT = 0.9 × VOUT(nom)
400
650
800
mA
3.6 V
≤ VIN ≤ 4.2 V, 0°C ≤ TJ ≤ 70°C
500
800
mA
ISC
Short-circuit current
VOUT = 0 V
450
mA
IREV
Reverse leakage current(6) (–IIN)
VEN ≤ 0.5 V, 0 V ≤ VIN ≤ VOUT
0.1
10
μA
IGND
GND pin current
IOUT = 10 mA (IQ)
400
550
μA
IOUT = 400 mA
800
1000
ISHDN
Shutdown current (IGND)
VEN ≤ 0.5 V, VOUT ≤ VIN ≤ 5.5,
–40°C
≤ TJ ≤ 100°C
0.02
1.3
μA
IFB
FB pin current (TPS73601)
0.1
0.45
μA


Similar Part No. - TPS73601-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
More results

Similar Description - TPS73601-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-EP TI1-TPS73601-EP Datasheet
1Mb / 27P
[Old version datasheet]   CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
TPS73601-EP TI1-TPS73601-EP_15 Datasheet
1Mb / 27P
[Old version datasheet]   CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
[Old version datasheet]   Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS732-Q1 TI1-TPS732-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP_15 Datasheet
605Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP Datasheet
567Kb / 21P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com