Electronic Components Datasheet Search |
|
CMS-2304TB Datasheet(PDF) 1 Page - Copal Electronics |
|
CMS-2304TB Datasheet(HTML) 1 Page - Copal Electronics |
1 / 12 page ※ Please refer to the LIST OF PART NUMBERS when placing orders. O RoHS compliant O Excellent contact stability by twin Gold-plated contact mechanism O Load life of 30,000 cycles O Compatible with automatic mounting O Withstands high soldering temperature ■ FEATURES INTERNAL STRUCTURE Part name ① ② ③ ④ ⑤ ⑥ ⑦ ⑧ Cover Slider Housing Slider contact Fixed contact Terminal pin Click spring Ground terminal Material Flammability UL94V-0 — — Steel (SPCC), Tin-plated Polyamide Copper alloy, Gold-plated Copper alloy Steel (SPCC), Tin-plated ■ PART NUMBER DESIGNATION CMS - 2 2 0 2 T B Series name No. of poles 2:2 poles 4:4 poles No. of contacts 2:2 contacts 3:3 contacts 4:4 contacts Setting position 0:Top setting 1:Side setting Shape of terminal A:J-hook B:Gull wing C:Through hole pins Form of packaging T:Taping (Reel) W:Tray packaging (Through hole pins only) Blank:Bulk in plastic bag Knob length 2:2 mm 4:4 mm(2 poles · Side setting only) 6:6 mm(4 poles · Side setting only) CMS SLIDE SWITCHES (SMD) RoHS compliant ③ ⑥ ④ ⑤ ⑧ ⑦ ② ① |
Similar Part No. - CMS-2304TB |
|
Similar Description - CMS-2304TB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |