Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73150-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73150-EP
Description  CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73150-EP Datasheet(HTML) 1 Page - Texas Instruments

  TPS73150-EP Datasheet HTML 1Page - Texas Instruments TPS73150-EP Datasheet HTML 2Page - Texas Instruments TPS73150-EP Datasheet HTML 3Page - Texas Instruments TPS73150-EP Datasheet HTML 4Page - Texas Instruments TPS73150-EP Datasheet HTML 5Page - Texas Instruments TPS73150-EP Datasheet HTML 6Page - Texas Instruments TPS73150-EP Datasheet HTML 7Page - Texas Instruments TPS73150-EP Datasheet HTML 8Page - Texas Instruments TPS73150-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TPS73101-EP
,, TPS73115-EP
TPS731125-EP, TPS73118-EP, TPS73125-EP, TPS73130-EP
TPS73132-EP, TPS73133-EP, TPS73150-EP
SGLS347A – JUNE 2006 – REVISED SEPTEMBER 2007
www.ti.com
CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR
WITH REVERSE CURRENT PROTECTION
2
• Controlled Baseline
• Low Noise: 30 μV
RMS Typ (10 kHz to 100 kHz)
One Assembly
• 0.5% Initial Accuracy
Test Site
• 1% Overall Accuracy Over Line, Load, and
Temperature
One Fabrication Site
• Less Than 1 μA Maximum I
Q in Shutdown
• Extended Temperature Performance of
Mode
–55
°C to 125°C
• Thermal Shutdown and Specified Min/Max
• Enhanced Diminishing Manufacturing Sources
Current Limit Protection
(DMS) Support
• Available in Multiple Output Voltage Versions
• Enhanced Product-Change Notification
Fixed Outputs of 1.2 V to 5 V
• Qualification Pedigree (1)
Adjustable Outputs from 1.2 V to 5.5 V
• Stable With No Output Capacitor or Any Value
or Type of Capacitor
Custom Outputs Available
• Input Voltage Range of 1.7 V to 5.5 V
• Ultralow Dropout Voltage: 30 mV Typical
• Portable/Battery-Powered Equipment
• Excellent Load Transient Response—With or
• Post-Regulation for Switching Supplies
Without Optional Output Capacitor
• Noise-Sensitive Circuitry such as VCOs
• New NMOS Topology Provides Low Reverse
• Point of Load Regulation for DSPs, FPGAs,
Leakage Current
ASICs, and Microprocessors
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The TPS731xx family of low-dropout (LDO) linear voltage regulators uses a new topology: an NMOS pass
element in a voltage-follower configuration. This topology is stable using output capacitors with low ESR and
even allows operation without a capacitor. It also provides high reverse blockage (low reverse current) and
ground pin current that is nearly constant over all values of output current.
The TPS731xx uses an advanced BiCMOS process to yield high precision while delivering low dropout voltages
and low ground pin current. Current consumption, when not enabled, is under 1
μA and ideal for portable
applications. The low output noise (30
μVRMS with 0.1 μF CNR) is ideal for powering VCOs. These devices are
protected by thermal shutdown and foldback current limit.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS73150-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73150 TI-TPS73150 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73150DBVR TI-TPS73150DBVR Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73150DBVR TI-TPS73150DBVR Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73150DBVR TI1-TPS73150DBVR Datasheet
1Mb / 30P
[Old version datasheet]   Low Dropout Regulator
TPS73150DBVRG4 TI-TPS73150DBVRG4 Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73150-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
[Old version datasheet]   Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS732-Q1 TI1-TPS732-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP Datasheet
567Kb / 21P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-Q1 TI1-TPS73201-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW-DROPOUT REGULATOR WITH REVERSE-CURRENT PROTECTION
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com