Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72325-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS72325-Q1
Description  200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72325-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS72325-Q1 Datasheet HTML 1Page - Texas Instruments TPS72325-Q1 Datasheet HTML 2Page - Texas Instruments TPS72325-Q1 Datasheet HTML 3Page - Texas Instruments TPS72325-Q1 Datasheet HTML 4Page - Texas Instruments TPS72325-Q1 Datasheet HTML 5Page - Texas Instruments TPS72325-Q1 Datasheet HTML 6Page - Texas Instruments TPS72325-Q1 Datasheet HTML 7Page - Texas Instruments TPS72325-Q1 Datasheet HTML 8Page - Texas Instruments TPS72325-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
OUT
NR
GND
EN
IN
3
2
4
1
5
2.2 µF
2.2 µF
10 nF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS72301, TPS72325
SLVS346C – SEPTEMBER 2003 – REVISED SEPTEMBER 2014
TPS723xx 200mA Low-Noise, High-PSRR
Negative Output Low-Dropout Linear Regulators
1 Features
3 Description
The TPS723xx family of low-dropout (LDO) negative
1
Ultralow Noise: 60
μVRMS Typical
voltage regulators offers an ideal combination of
High PSRR: 65 dB Typical at 1 kHz
features to support low noise applications. These
Low Dropout Voltage: 280 mV Typical at 200 mA,
devices are capable of operating with input voltages
2.5 V
from –10 V to –2.7 V, and support outputs from –10 V
to –1.2 V. These regulators are stable with small, low-
Available in –2.5-V and Adjustable (–1.2 V to
cost ceramic capacitors, and include enable (EN) and
–10 V) Versions
noise reduction (NR) functions. Thermal short-circuit
Stable With a 2.2-
μF Ceramic Output Capacitor
and over-current protections are provided by internal
Less Than 2-
μA Typical Quiescent Current in
detection and shutdown logic. High PSRR (65 dB at
Shutdown Mode
1 kHz) and low noise (60
μVRMS) make the TPS723xx
ideal for low-noise applications.
2% Overall Accuracy
(Line, Load, Temperature)
The TPS723xx uses a precision voltage reference to
achieve 2% overall accuracy over load, line, and
Thermal and Over-Current Protection
temperature variations. Available in a small SOT23-5
SOT23-5 (DBV) Package
package, the TPS723xx family is fully specified over
SOT-5 (DDC) Package
a temperature range of –40°C to 125°C.
Operating Junction Temperature Range: –40°C to
Device Information(1)
125°C
PART NUMBER
PACKAGE(2)
BODY SIZE (NOM)
2 Applications
SOT-23 (5)
2.90 mm x 1.60 mm
TPS723xx
SOT (5)
2.90 mm x 1.60 mm
Optical Drives
(1) For all available packages, see the orderable addendum at
Optical Networking
the end of the datasheet.
Noise Sensitive Circuitry
(2) The two SOT23 packages are identical in size, but the SOT
GaAs FET Gate Bias
package is thinner.
Video Amplifiers
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS72325-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72325-Q1 TI1-TPS72325-Q1 Datasheet
1Mb / 16P
[Old version datasheet]   200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
More results

Similar Description - TPS72325-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301-Q1 TI1-TPS72301-Q1 Datasheet
569Kb / 16P
[Old version datasheet]   200 mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301 TI-TPS72301 Datasheet
192Kb / 10P
[Old version datasheet]   200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS72301-Q1 TI1-TPS72301-Q1_16 Datasheet
1Mb / 16P
[Old version datasheet]   200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com