Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXLP34P5X Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FXLP34P5X
Description  Single Bit Uni-Directional Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLP34P5X Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FXLP34P5X Datasheet HTML 3Page - Fairchild Semiconductor FXLP34P5X Datasheet HTML 4Page - Fairchild Semiconductor FXLP34P5X Datasheet HTML 5Page - Fairchild Semiconductor FXLP34P5X Datasheet HTML 6Page - Fairchild Semiconductor FXLP34P5X Datasheet HTML 7Page - Fairchild Semiconductor FXLP34P5X Datasheet HTML 8Page - Fairchild Semiconductor FXLP34P5X Datasheet HTML 9Page - Fairchild Semiconductor FXLP34P5X Datasheet HTML 10Page - Fairchild Semiconductor FXLP34P5X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and Non-Inverting Functions
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
1.5V
± 0.10V
1.2V
± 0.10V
1.0V
Vmi
1.5V
VCC1/2
VCC1/2
VCC1/2
VCC1/2
VCC1/2
Vmo
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2


Similar Part No. - FXLP34P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP34P5X FAIRCHILD-FXLP34P5X Datasheet
726Kb / 12P
   Single Bit Uni-Directional Translator
FXLP34P5X FAIRCHILD-FXLP34P5X Datasheet
680Kb / 12P
   Single Bit Uni-Directional Translator
logo
ON Semiconductor
FXLP34P5X ONSEMI-FXLP34P5X Datasheet
623Kb / 14P
   Single Bit Uni-Directional Translator
March 2011 Rev. 1.0.4
logo
Fairchild Semiconductor
FXLP34P5X FAIRCHILD-FXLP34P5X_11 Datasheet
680Kb / 12P
   Single Bit Uni-Directional Translator
More results

Similar Description - FXLP34P5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP34 FAIRCHILD-FXLP34_06 Datasheet
726Kb / 12P
   Single Bit Uni-Directional Translator
FXLP34 FAIRCHILD-FXLP34_11 Datasheet
680Kb / 12P
   Single Bit Uni-Directional Translator
logo
ON Semiconductor
FXLP34 ONSEMI-FXLP34 Datasheet
623Kb / 14P
   Single Bit Uni-Directional Translator
March 2011 Rev. 1.0.4
logo
Fairchild Semiconductor
FXLP34FHX FAIRCHILD-FXLP34FHX Datasheet
680Kb / 12P
   Single Bit Uni-Directional Translator
logo
Rectron Semiconductor
TEP12T RECTRON-TEP12T Datasheet
293Kb / 5P
   Single Line Uni-directional Transient Voltage Suppressor
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
GTL2002 PHILIPS-GTL2002 Datasheet
114Kb / 14P
   2-bit bi-directional low voltage translator
2004 Sep 29
logo
JFW Industries, Inc.
50FHLB-XXX-100 JFW-50FHLB-XXX-100 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
50HF-XXX-100-6 JFW-50HF-XXX-100-6 Datasheet
28Kb / 1P
   FIXED ATTENUATOR UNI-DIRECTIONAL
50FHIQ-XXX-1000 JFW-50FHIQ-XXX-1000 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com