Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72325-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS72325-Q1
Description  200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72325-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS72325-Q1 Datasheet HTML 1Page - Texas Instruments TPS72325-Q1 Datasheet HTML 2Page - Texas Instruments TPS72325-Q1 Datasheet HTML 3Page - Texas Instruments TPS72325-Q1 Datasheet HTML 4Page - Texas Instruments TPS72325-Q1 Datasheet HTML 5Page - Texas Instruments TPS72325-Q1 Datasheet HTML 6Page - Texas Instruments TPS72325-Q1 Datasheet HTML 7Page - Texas Instruments TPS72325-Q1 Datasheet HTML 8Page - Texas Instruments TPS72325-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TPS72325
OUT
IN
EN
Current Limit
/Thermal
Protection
NR
V
REF
1.186 V
5 pF
R1
R1 + R2 = 97 kW
R2
100 kW
GND
TPS72301-Q1
TPS72325-Q1
SLVSAJ4B – SEPTEMBER 2010 – REVISED SEPTEMBER 2012
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
DESCRIPTION
GND
1
Ground
IN
2
Input supply
Bipolar enable pin. Driving this pin above the positive enable threshold or below the negative enable
EN
3
threshold turns on the regulator. Driving this pin below the positive disable threshold and above the
negative disable threshold puts the regulator into shutdown mode.
Fixed-voltage versions only. Connecting an external capacitor between this pin and ground bypasses
NR
4
noise generated by the internal band gap. This configuration allows output noise to be reduced to very
low levels.
Regulated output voltage. The device requires the connection of a small 2.2-
μF ceramic capacitor from
OUT
5
this pin to GND to ensure stability.
4
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Links: TPS72301-Q1 TPS72325-Q1


Similar Part No. - TPS72325-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72325-Q1 TI1-TPS72325-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
More results

Similar Description - TPS72325-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301-Q1 TI1-TPS72301-Q1 Datasheet
569Kb / 16P
[Old version datasheet]   200 mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301 TI-TPS72301 Datasheet
192Kb / 10P
[Old version datasheet]   200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com