Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72301-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS72301-Q1
Description  200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72301-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS72301-Q1 Datasheet HTML 5Page - Texas Instruments TPS72301-Q1 Datasheet HTML 6Page - Texas Instruments TPS72301-Q1 Datasheet HTML 7Page - Texas Instruments TPS72301-Q1 Datasheet HTML 8Page - Texas Instruments TPS72301-Q1 Datasheet HTML 9Page - Texas Instruments TPS72301-Q1 Datasheet HTML 10Page - Texas Instruments TPS72301-Q1 Datasheet HTML 11Page - Texas Instruments TPS72301-Q1 Datasheet HTML 12Page - Texas Instruments TPS72301-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OUT
FB
GND
EN
IN
R1
1
2
3
4
5
R2
V
=
1.186
OUT
1+
R1
R2
R1+R2 100kΩ
TPS72301-Q1
TPS72325-Q1
www.ti.com
SLVSAJ4B – SEPTEMBER 2010 – REVISED SEPTEMBER 2012
APPLICATION INFORMATION
DEVICE OPERATION
CURRENT LIMIT
The TPS723xx-Q1 is a low-dropout negative linear
The TPS723xx-Q1 has internal circuitry that monitors
voltage regulator with a rated current of 200 mA. It
and limits output current to protect the regulator from
features very low noise and high power-supply
damage under all load conditions. When output
rejection ratio (PSRR), making it ideal for high-
current reaches the output-current limit (550 mA
sensitivity analog and RF applications. A shutdown
typical), protection circuitry turns on, reducing output
mode is available, reducing ground current to 2
μA
voltage to ensure that current does not increase. See
maximum
over
temperature
and
process.
The
Figure 8 in the Typical Characteristics section.
TPS723xx-Q1 comes in a small SOT23 package,
Do not drive the output more than 0.3 V above the
specified over a –40°C to 125°C junction-temperature
input. Doing so biases the body diode in the pass
range.
FET, allowing current to flow from the output to the
input. The device does not limit this current. If this
ENABLE
condition is likely, take care to limit the reverse
current externally.
The enable pin is active above 1.5 V and below –1.5
V, allowing control by a standard TTL signal or by
connection to VI if not used. Driving the pin to GND
THERMAL PROTECTION
turns off most internal circuitry, putting the TPS723xx-
As protection from damage due to excessive junction
Q1 into shutdown mode, drawing 2-
μA maximum
temperatures,
the
TPS723xx-Q1
has
internal
ground current.
protection
circuitry.
When
junction
temperature
reaches approximately 165°C, the output device turns
CAPACITOR SELECTION FOR STABILITY
off. After the device has cooled by about 20°C, the
output device turns on, allowing normal operation. For
Use appropriate input and output capacitors for the
reliable operation, design is for worst-case junction
intended application. The TPS723xx-Q1 only requires
temperature of
≤ 125°C, taking into account worst-
the use of a 2.2-
μF ceramic output capacitor for
case ambient temperature and load conditions.
stable operation. Both the capacitor value and ESR
affect stability, output noise, PSRR, and transient
response. For typical applications, a 2.2-
μF ceramic
ADJUSTABLE VOLTAGE APPLICATIONS
output capacitor located close to the regulator is
The TPS72301-Q1 allows designers to specify any
sufficient.
output voltage from –10 V to –1.2 V. As shown in the
application circuit in Figure 24, use of an external
OUTPUT NOISE
resistor divider scales the output voltage (VOUT) to the
reference voltage. For best accuracy, use precision
Without external bypassing, output noise of the
resistors for R1 and R2. Use the equations in
TPS723xx-Q1 from 10 Hz to 100 kHz is 200
μVRMS
Figure 24 to determine the values for the resistor
typical. The dominant contributor to output noise is
divider.
the internal band-gap reference. Adding an external
0.01-
μF capacitor to ground reduces the noise to 60
μVRMS. To achieve best noise performance, use
appropriate low-ESR capacitors for bypassing noise
at the NR and OUT pins. See Figure 18 in the Typical
Characteristics section.
POWER-SUPPLY REJECTION
The TPS723xx-Q1 offers a very high PSRR for
applications with noisy input sources or highly
sensitive output supply lines. For best PSRR, use
high-quality input and output capacitors.
Figure 24. TPS72301-Q1 Adjustable LDO
Regulator Programming
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS72301-Q1 TPS72325-Q1


Similar Part No. - TPS72301-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301-Q1 TI1-TPS72301-Q1 Datasheet
569Kb / 16P
[Old version datasheet]   200 mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301-Q1 TI1-TPS72301-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
More results

Similar Description - TPS72301-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301-Q1 TI1-TPS72301-Q1 Datasheet
569Kb / 16P
[Old version datasheet]   200 mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301 TI-TPS72301 Datasheet
192Kb / 10P
[Old version datasheet]   200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com