Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX7805ABTS Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IFX7805ABTS
Description  Three Terminal 1.0A Positive Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX7805ABTS Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IFX7805ABTS Datasheet HTML 4Page - Infineon Technologies AG IFX7805ABTS Datasheet HTML 5Page - Infineon Technologies AG IFX7805ABTS Datasheet HTML 6Page - Infineon Technologies AG IFX7805ABTS Datasheet HTML 7Page - Infineon Technologies AG IFX7805ABTS Datasheet HTML 8Page - Infineon Technologies AG IFX7805ABTS Datasheet HTML 9Page - Infineon Technologies AG IFX7805ABTS Datasheet HTML 10Page - Infineon Technologies AG IFX7805ABTS Datasheet HTML 11Page - Infineon Technologies AG IFX7805ABTS Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
IFX7805
Electrical Characteristics
Datasheet
8
Rev. 1.0, 2013-07-15
5
Electrical Characteristics
5.1
IFX7805
Note: The listed characteristics are ensured over the operating range of the integrated circuit. Typical
characteristics specified mean values expected over the production spread. If not otherwise specified,
typical characteristics apply at
T
A = 25 °C and the given supply voltage.
Table 3
Electrical Characteristics
-40
°C < T
j < 125 °C; VIN = 10V, CIN = 0.33µF, COUT = 100nF; unless otherwise specified.
Pos.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
5.1.1
Output Voltage
V
OUT
4.81
5.00
5.19
V
IOUT = 1 A, Tj = 25 °C
5.1.2
4.80
5.00
5.20
V
5 mA ≤ IOUT ≤ 1 A,
7.5 V ≤ VIN ≤ 20 V
PD ≤ 15 W
5.1.3
Line Regulation
V
OUT,LINE
4mV
IOUT = 1 A
8 V ≤
V
IN ≤ 12 V,
Tj = 25 °C
5.1.4
1
10
mV
IOUT = 1A,
7.5 V ≤ VIN ≤ 20 V
Tj = 25 °C
5.1.5
3
10
mV
IOUT = 1 A
7.5 V ≤ VIN≤ 20 V
5.1.6
Load Regulation
V
OUT,LOAD
10
15
mV
5.0 mA ≤ IOUT ≤ 1 A,
Tj= 25 °C
5.1.7
15
mV
5.0 mA ≤ IOUT ≤ 1 A
5.1.8
Dropout Voltage
V
dr
2V
IOUT = 1 A, Tj = 25 °C
5.1.9
Quiescent Current
I
q
3.5
5.0
mA
IOUT = 1 A Tj = 25 °C
5.1.10
3.5
6.0
mA
IOUT = 1 A
5.1.11 Quiescent Current Change
I
q
1.0
mA
5.0 mA ≤ IOUT ≤ 1 A
5.1.12
0.5
0.8
mA
IOUT = 1 A
7.5 V ≤VIN ≤ 20 V
Tj = 25 °C
5.1.13
0.5
1.0
mA
IOUT = 0.5 A
8 V ≤ VIN ≤ 25 V
5.1.14 Output Noise Voltage
V
Noise
40
µV
10 Hz ≤ f ≤ 100 kHz,
Tj = 25 °C
1)
1) Not subject to production test
5.1.15 Ripple Rejection
PSRR
68
75
dB
f = 120 Hz, IOUT = 10 mA
Tj = 25 °C
2)
2) Not subject to production test
5.1.16 Short Circuit Current
I
SC
0.5
0.8
1.2
A
VIN = 35 V, Tj = 25 °C
5.1.17 Peak Output Current
I
PK
2.0
2.4
2.9
A
Tj = 25 °C
5.1.18 Input Voltage Required to
Maintain Line Regulation
V
IN,MIN
7.5
V
Tj = 25 °C


Similar Part No. - IFX7805ABTS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX78M05 INFINEON-IFX78M05 Datasheet
1Mb / 15P
   Three Terminal 500mA Positive Voltage Regulator
Rev. 1.0, 2013-07-15
More results

Similar Description - IFX7805ABTS

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM7812F TGS-LM7812F Datasheet
266Kb / 1P
   3-Terminal 1.0A Positive Voltage Regulator
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com