Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX20002MBV50 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IFX20002MBV50
Description  Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX20002MBV50 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IFX20002MBV50 Datasheet HTML 4Page - Infineon Technologies AG IFX20002MBV50 Datasheet HTML 5Page - Infineon Technologies AG IFX20002MBV50 Datasheet HTML 6Page - Infineon Technologies AG IFX20002MBV50 Datasheet HTML 7Page - Infineon Technologies AG IFX20002MBV50 Datasheet HTML 8Page - Infineon Technologies AG IFX20002MBV50 Datasheet HTML 9Page - Infineon Technologies AG IFX20002MBV50 Datasheet HTML 10Page - Infineon Technologies AG IFX20002MBV50 Datasheet HTML 11Page - Infineon Technologies AG IFX20002MBV50 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet
8
Rev. 1.0, 2013-01-12
IFX20002
Electrical Characteristics
5.2
Typical Performance Characteristics Voltage Regulator
Output Voltage
V
Q vs.
Input Voltage
V
I
Current Consumption
I
q vs.
Input Voltage
V
I
AED 03349.VSD
0
VI
VQ
24
6
8
10
0
2
4
6
8
10
V
V
VINH = 5 V
RL = 1 kΩ
V33
V50
AED03347.VSD
0
V
I
10
20
30
40
50
0
200
400
600
800
1000
µA
V
V
INH = 5 V
R
L = 1 kΩ
R
L = 5 kΩ
I
q


Similar Part No. - IFX20002MBV50

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX20001 INFINEON-IFX20001 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.02, 2010-05-20
IFX20001MBV33 INFINEON-IFX20001MBV33 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.02, 2010-05-20
IFX20001MBV33 INFINEON-IFX20001MBV33 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.1, 2013-01-08
IFX20001MBV50 INFINEON-IFX20001MBV50 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.02, 2010-05-20
IFX20001MBV50 INFINEON-IFX20001MBV50 Datasheet
1Mb / 12P
   Low Dropout Voltage Regulator
Rev. 1.1, 2013-01-08
More results

Similar Description - IFX20002MBV50

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com