Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD2742A Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FOD2742A
Description  OPTICALLY ISOLATED ERROR AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2742A Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FOD2742A Datasheet HTML 2Page - Fairchild Semiconductor FOD2742A Datasheet HTML 3Page - Fairchild Semiconductor FOD2742A Datasheet HTML 4Page - Fairchild Semiconductor FOD2742A Datasheet HTML 5Page - Fairchild Semiconductor FOD2742A Datasheet HTML 6Page - Fairchild Semiconductor FOD2742A Datasheet HTML 7Page - Fairchild Semiconductor FOD2742A Datasheet HTML 8Page - Fairchild Semiconductor FOD2742A Datasheet HTML 9Page - Fairchild Semiconductor FOD2742A Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
8/27/03
Page 6 of 13
© 2003 Fairchild Semiconductor Corporation
OPTICALLY ISOLATED
ERROR AMPLIFIER
FOD2742A
FOD2742B
FOD2742C
3
2
1
4
8
7
6
A B
5
3
4
2
1
6
5
7
8
VCC = +5V DC
VCC = +5V DC
IF = 10 mA
IF = 0 mA (A)
IF = 10 mA (B)
VIN
0.47V
0.1 VPP
47
VOUT
VOUT
VCM
10VP-P
R1
2.2k
RL
1
µf
+
_
Fig. 7 Frequency Response Test Circuit
Fig. 8 CMH and CML Test Circuit


Similar Part No. - FOD2742A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2742A FAIRCHILD-FOD2742A Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A Datasheet
320Kb / 15P
   Optically Isolated Error Amplifier
FOD2742AR2 FAIRCHILD-FOD2742AR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2742AR2V FAIRCHILD-FOD2742AR2V Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2742AV FAIRCHILD-FOD2742AV Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
More results

Similar Description - FOD2742A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com