Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMS-2202A Datasheet(PDF) 1 Page - Copal Electronics

Part # CMS-2202A
Description  SLIDE SWITCHES (SMD)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CMS-2202A Datasheet(HTML) 1 Page - Copal Electronics

  CMS-2202A Datasheet HTML 1Page - Copal Electronics CMS-2202A Datasheet HTML 2Page - Copal Electronics CMS-2202A Datasheet HTML 3Page - Copal Electronics CMS-2202A Datasheet HTML 4Page - Copal Electronics CMS-2202A Datasheet HTML 5Page - Copal Electronics CMS-2202A Datasheet HTML 6Page - Copal Electronics CMS-2202A Datasheet HTML 7Page - Copal Electronics CMS-2202A Datasheet HTML 8Page - Copal Electronics CMS-2202A Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
※ Please refer to the LIST OF PART NUMBERS when placing orders.
O RoHS compliant
O Excellent contact stability by twin Gold-plated contact
mechanism
O Load life of 30,000 cycles
O Compatible with automatic mounting
O Withstands high soldering temperature
FEATURES
INTERNAL STRUCTURE
Part name
Cover
Slider
Housing
Slider contact
Fixed contact
Terminal pin
Click spring
Ground terminal
Material
Flammability
UL94V-0
Steel (SPCC), Tin-plated
Polyamide
Copper alloy, Gold-plated
Copper alloy
Steel (SPCC), Tin-plated
PART NUMBER DESIGNATION
CMS - 2 2 0 2 T B
Series name
No. of poles
22 poles
44 poles
No. of contacts
22 contacts
33 contacts
44 contacts
Setting position
0Top setting
1Side setting
Shape of terminal
AJ-hook
BGull wing
CThrough hole pins
Form of packaging
TTaping (Reel)
WTray packaging (Through hole pins only)
BlankBulk in plastic bag
Knob length
22 mm
44 mm2 poles · Side setting only
66 mm4 poles · Side setting only
CMS
SLIDE SWITCHES (SMD)
RoHS compliant


Similar Part No. - CMS-2202A

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CMS-2208-B BUD-CMS-2208-B Datasheet
44Kb / 1P
   CABLE MANAGEMENT BRACKET, STRAPS
More results

Similar Description - CMS-2202A

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CJS COPAL-CJS Datasheet
947Kb / 5P
   SLIDE SWITCHES (SMD)
logo
List of Unclassifed Man...
CJS-1201TB1 ETC2-CJS-1201TB1 Datasheet
125Kb / 5P
   SLIDE SWITCHES(SMD)
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com