Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5262IY Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5262IY
Description  300MHz Low Power Current Feedback Amplifiers with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5262IY Datasheet(HTML) 8 Page - Intersil Corporation

  EL5262IY Datasheet HTML 1Page - Intersil Corporation EL5262IY Datasheet HTML 2Page - Intersil Corporation EL5262IY Datasheet HTML 3Page - Intersil Corporation EL5262IY Datasheet HTML 4Page - Intersil Corporation EL5262IY Datasheet HTML 5Page - Intersil Corporation EL5262IY Datasheet HTML 6Page - Intersil Corporation EL5262IY Datasheet HTML 7Page - Intersil Corporation EL5262IY Datasheet HTML 8Page - Intersil Corporation EL5262IY Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN7388.7
September 8, 2005
FIGURE 13. PSRR (VEE)
FIGURE 14. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 15. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 16. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 17. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 18. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
100
1K
10K
FREQUENCY (Hz)
100K
1M
10M
100M
-30
-20
-50
-60
-70
-80
-40
-10
-90
0
VCC = +5V
VEE = -5V
AV = +2
RL = 150Ω
-100
1.250W
909mW
SO8
θJA=110°C/W
SO16 (0.150”)
θJA=80°C/W
1.4
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
893mW
QSOP16
θJA=112°C/W
1.4
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.5
0.45
0.3
0.2
0.15
0.1
0.05
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
85
435mW
θJA=230°C/W
SOT23-5/6
0.4
0.25
0.35
125
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1
0.9
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
870mW
θJA=115°C/W
MSOP8/10
0.8
0.5
0.7
625mW
SO8
θJA=160°C/W
SO16 (0.150”)
θJA=110°C/W
1
0.9
0.8
0.6
0.4
0.1
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
909mW
EL5162, EL5163, EL5262, EL5263, EL5362


Similar Part No. - EL5262IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5262IY INTERSIL-EL5262IY Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5262IY INTERSIL-EL5262IY Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5262IY-T13 INTERSIL-EL5262IY-T13 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5262IY-T13 INTERSIL-EL5262IY-T13 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5262IY-T7 INTERSIL-EL5262IY-T7 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results

Similar Description - EL5262IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com