Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLB9660 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SLB9660
Description  Trusted Platform Module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLB9660 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SLB9660 Datasheet HTML 2Page - Infineon Technologies AG SLB9660 Datasheet HTML 3Page - Infineon Technologies AG SLB9660 Datasheet HTML 4Page - Infineon Technologies AG SLB9660 Datasheet HTML 5Page - Infineon Technologies AG SLB9660 Datasheet HTML 6Page - Infineon Technologies AG SLB9660 Datasheet HTML 7Page - Infineon Technologies AG SLB9660 Datasheet HTML 8Page - Infineon Technologies AG SLB9660 Datasheet HTML 9Page - Infineon Technologies AG SLB9660 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Data Sheet
6
Revision 1.0 2014-12-12
SLB 9660 TPM1.2
Trusted Platform Module
Overview
1
Overview
The SLB 9660 is a Trusted Platform Module and is based on advanced hardware security technology. This TPM
implementation has achieved CC EAL4+ certification and serves as a basis for other TPM 1.2 products and
firmware upgrades. It is available in different packages, see Table 3-1. It supports the LPC interface and
interrupts are communicated with the serial interrupt (SERIRQ) protocol.
Features
• Compliant to TPM Main Specification, Version 1.2, Rev. 116
•LPC interface
• Approved for Google Chromebook/Chromebox
• Standard (-20..+85°C) and wide temperature range (-40..+85°C)
• TSSOP-28 and VQFN-32 package
• Optimized for battery operated devices: low standby power consumption (typ.150 µA)
• 24 PCRs
• 6 kBytes free NV memory
• Up to 10 concurrent sessions
• Up to eight 2048-bit keys can be loaded into volatile storage
• 16 slots for keys of up to 2048-bit
• 8 monotonic counters
• 1280 Bytes IO buffer
• Built-in support by Linux™ kernel version 3.10 and higher
2
LPC Interface
The SLB 9660 features the Low Pin Count (LPC) interface (for a specification, please refer to [1]). From the cycle
types defined in the mentioned specification, only the TPM-type cycles (read and write) are supported. All
accesses with different cycle types are ignored by the device.
2.1
SYNC Field Usage
Since the legacy interface is not supported anymore, the SLB 9660 will never generate SYNC ERRORs on the
LPC. It will either acknowledge a cycle with SYNC OK or use a “Long Wait” SYNC field to enlarge a cycle (that
means, inserting wait states on the bus).
2.2
Localities
The interface explicitly does not support standard IO cycles (read and write). This implies that IO-mapped
addressing of the device is not possible; only accesses via the locality-based TPM-type cycles are possible
which also means that “locality none” as defined in [4] is not supported as well.
For a detailed description of the locality addressing scheme and the registers located in each locality, please
refer to [4] as well.


Similar Part No. - SLB9660

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLB9660TPM1.2 INFINEON-SLB9660TPM1.2 Datasheet
487Kb / 23P
   OPTIGA™ TPM
Revision 1.2 2018-09-21
SLB9660TT1.2 INFINEON-SLB9660TT1.2 Datasheet
487Kb / 23P
   OPTIGA™ TPM
Revision 1.2 2018-09-21
SLB9660VQ1.2 INFINEON-SLB9660VQ1.2 Datasheet
487Kb / 23P
   OPTIGA™ TPM
Revision 1.2 2018-09-21
SLB9660XQ1.2 INFINEON-SLB9660XQ1.2 Datasheet
487Kb / 23P
   OPTIGA™ TPM
Revision 1.2 2018-09-21
SLB9660XT1.2 INFINEON-SLB9660XT1.2 Datasheet
487Kb / 23P
   OPTIGA™ TPM
Revision 1.2 2018-09-21
More results

Similar Description - SLB9660

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
   Trusted Platform Module
Revision 1.0 2019-04-08
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
   Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
   Trusted Platform Module
Revision 1.3 2018-09-21
logo
ATMEL Corporation
AT97SC3201 ATMEL-AT97SC3201 Datasheet
211Kb / 7P
   Trusted Platform Module
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM2.0 INFINEON-SLB9670TPM2.0 Datasheet
283Kb / 21P
   Trusted Platform Module
Revision 1.4 2018-12-07
SLB9665 INFINEON-SLB9665 Datasheet
934Kb / 24P
   Trusted Platform Module
Revision 1.0, 2015-10-27
logo
ATMEL Corporation
AT97SC3203S ATMEL-AT97SC3203S Datasheet
212Kb / 8P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com