Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7274-2 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7274-2
Description  5-V Low Dropout Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7274-2 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7274-2 Datasheet HTML 2Page - Infineon Technologies AG TLE7274-2 Datasheet HTML 3Page - Infineon Technologies AG TLE7274-2 Datasheet HTML 4Page - Infineon Technologies AG TLE7274-2 Datasheet HTML 5Page - Infineon Technologies AG TLE7274-2 Datasheet HTML 6Page - Infineon Technologies AG TLE7274-2 Datasheet HTML 7Page - Infineon Technologies AG TLE7274-2 Datasheet HTML 8Page - Infineon Technologies AG TLE7274-2 Datasheet HTML 9Page - Infineon Technologies AG TLE7274-2 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TLE7274-2
General Product Characteristics
Data Sheet
6
Rev. 1.01, 2011-11-30
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
Absolute Maximum Ratings1)
T
j = -40 °C to 150 °C; all voltages with respect to ground, (unless otherwise specified)
1) not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Max.
Input I
4.1.1
Voltage
V
I
-0.3
45
V
Output Q
4.1.2
Voltage
V
Q
-0.3
6
V
4.1.3
Voltage
V
Q
-0.3
6.2
V
t < 10 s2)
2) exposure to these absolute maximum ratings for extended periods (
t > 10 s) may affect device reliability
Temperature
4.1.4
Junction temperature
T
j
-40
150
°C–
4.1.5
Storage temperature
T
stg
-50
150
°C–
ESD Susceptibility
4.1.6
Human Body Model (HBM)3)
3) ESD susceptibility Human Body Model “HBM” according to AEC-Q100-002 - JESD22-A114
Voltage
-
3
kV
4.1.7
Charged Device Model (CDM)4)
4) ESD susceptibility Charged Device Model “CDM” according to ESDA STM5.3.1
Voltage
-
1.5
kV
Pos.
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Max.
4.2.1
Input voltage
V
I
5.5
42
V
4.2.2
Output Capacitor’s
Requirements
C
Q
470
nF
1)
1) the minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
4.2.3
ESR(C
Q)
–10
Ω
2)
2) relevant ESR value at
f =10kHz
4.2.4
Junction temperature
T
j
-40
150
°C–


Similar Part No. - TLE7274-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7274-2D INFINEON-TLE7274-2D Datasheet
1Mb / 20P
   Gate Driver Board
Revision 1.0 2022-05-27
More results

Similar Description - TLE7274-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
   5 V low dropout voltage regulator
L5150CJTR STMICROELECTRONICS-L5150CJTR Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1 Datasheet
314Kb / 12P
[Old version datasheet]   5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE7272-2 INFINEON-TLE7272-2 Datasheet
450Kb / 21P
   5-V Low Dropout Voltage Regulator
Rev. 1.0, June 2009
TLE7270-2 INFINEON-TLE7270-2 Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
logo
STMicroelectronics
L5150BNTR STMICROELECTRONICS-L5150BNTR Datasheet
500Kb / 20P
   5 V low dropout voltage regulator
logo
Texas Instruments
TLE4275QKVURQ1 TI-TLE4275QKVURQ1 Datasheet
1Mb / 22P
[Old version datasheet]   5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4263-2ES INFINEON-TLE4263-2ES Datasheet
486Kb / 22P
   5-V Low Dropout Voltage Regulator
Rev. 1.0, April 2008
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLE4275-Q1 5-V Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com