Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLF4949 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLF4949
Description  5V Low Drop Out Linear Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF4949 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLF4949 Datasheet HTML 1Page - Infineon Technologies AG TLF4949 Datasheet HTML 2Page - Infineon Technologies AG TLF4949 Datasheet HTML 3Page - Infineon Technologies AG TLF4949 Datasheet HTML 4Page - Infineon Technologies AG TLF4949 Datasheet HTML 5Page - Infineon Technologies AG TLF4949 Datasheet HTML 6Page - Infineon Technologies AG TLF4949 Datasheet HTML 7Page - Infineon Technologies AG TLF4949 Datasheet HTML 8Page - Infineon Technologies AG TLF4949 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Type
Package
Marking
TLF4949SJ
PG-DSO-8
TLF4949S
TLF4949EJ
PG-DSO-8 Exposed Pad
TLF4949E
PG-DSO-8
PG-DSO-8 Exposed Pad
Data Sheet
3
Rev. 1.0, 2012-05-07
5V Low Drop Out Linear Voltage Regulator
TLF4949
1Overview
Features
Operating DC Supply Voltage Range 5 V to 28 V
Transient Supply Voltage up to 40 V
Extremely low Quiescent Current in Standby Mode
High Precision Standby Output Voltage 5 V ±1%
Output Current Capability up to 100 mA
Very low Dropout Voltage less than 0.5 V
Reset Circuit sensing the Output Voltage
Programmable Reset Pulse Delay with External Capacitor
Voltage Sense Comparator
Thermal Shutdown and Short Circuit Protections
Suitable for Use in Automotive Electronics
Green Product (RoHS)
AEC Qualified
Description
The TLF4949 is a monolithic integrated 5V voltage regulator with a very
low dropout output and additional functions as undervoltage reset with
power-on reset delay and input voltage sense. It is designed to supply
microcontroller controlled systems especially in automotive applications.


Similar Part No. - TLF4949

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF4277 INFINEON-TLF4277 Datasheet
183Kb / 2P
   active antenna supply
Rev. 1.0, May 2009
TLF4277 INFINEON-TLF4277 Datasheet
335Kb / 9P
   TRENCHSTOPTM IGBT4 Low Power Chip
Rev. 2.1, 20.08.2015
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLF4277-2EL INFINEON-TLF4277-2EL Datasheet
32Kb / 1P
   Material Content Data Sheet
16. September 2015
TLF4277-2EL INFINEON-TLF4277-2EL_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
16. September 2015
More results

Similar Description - TLF4949

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
   Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE7276 INFINEON-TLE7276_10 Datasheet
1Mb / 20P
   Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.11, 2010-11-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com