Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLF80511TF Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLF80511TF
Description  Low Dropout Linear Fixed Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLF80511TF Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLF80511TF Datasheet HTML 3Page - Infineon Technologies AG TLF80511TF Datasheet HTML 4Page - Infineon Technologies AG TLF80511TF Datasheet HTML 5Page - Infineon Technologies AG TLF80511TF Datasheet HTML 6Page - Infineon Technologies AG TLF80511TF Datasheet HTML 7Page - Infineon Technologies AG TLF80511TF Datasheet HTML 8Page - Infineon Technologies AG TLF80511TF Datasheet HTML 9Page - Infineon Technologies AG TLF80511TF Datasheet HTML 10Page - Infineon Technologies AG TLF80511TF Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
7
Rev. 1.0, 2014-01-28
TLF80511TF
General Product Characteristics
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.3
Thermal Resistance
Note: This thermal data was generated in accordance with JEDEC JESD51 standards. For more information, go
to www.jedec.org.
Table 2
Functional Range
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Input Voltage Range for Normal
Operation
V
I
V
Q,nom + Vdr
40
V
P_4.2.1
Extended Input Voltage Range
V
I,ext
3.3
40
V
T
j > 25 °C
1)
1) Between min. value and
V
Q,nom + Vdr: VQ = VI - Vdr. Below min. value: VQ =0V
P_4.2.2
Output Capacitor’s Requirements
for Stability
C
Q
1–
µF
2)
2) the minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
P_4.2.3
Output Capacitor’s Requirements
for Stability
ESR(C
Q)
––
5
3)
3) relevant ESR value at
f =10kHz
P_4.2.4
Junction Temperature
T
j
-40
150
°C
P_4.2.5
Table 3
Thermal Resistance
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Package Version PG-TO252-3
Junction to Case1)
1) Not subject to production test, specified by design
R
thJC
4
K/W
P_4.3.1
Junction to Ambient
R
thJA
–27
K/W
2)
2) Specified
R
thJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm³ board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).
Where applicable a thermal via array under the exposed pad contacted the first inner copper layer.
P_4.3.2
Junction to Ambient
R
thJA
95
K/W
footprint only3)
3) Specified
R
thJA value is according to JEDEC JESD 51-3 at natural convection on FR4 1s0p board; The Product
(Chip+Package) was simulated on a 76.2 × 114.3 × 1.5 mm3 board with 1 copper layer (1 x 70µm Cu).
P_4.3.3
Junction to Ambient
R
thJA
52
K/W
300 mm2 heatsink
area on PCB3)
P_4.3.4
Junction to Ambient
R
thJA
39
K/W
600 mm2 heatsink
area on PCB3)
P_4.3.5


Similar Part No. - TLF80511TF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF80511TC INFINEON-TLF80511TC Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
More results

Similar Description - TLF80511TF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
TLE42754 INFINEON-TLE42754 Datasheet
406Kb / 24P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, May 2008
logo
Solid States Devices, I...
SVR005 SSDI-SVR005_15 Datasheet
74Kb / 2P
   FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE42754 INFINEON-TLE42754_08 Datasheet
503Kb / 26P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
logo
Solid States Devices, I...
SVR005 SSDI-SVR005 Datasheet
74Kb / 2P
   FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLF80511 INFINEON-TLF80511 Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
TLF80511TC INFINEON-TLF80511TC Datasheet
1Mb / 15P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
   Low Dropout 600mA Fixed Voltage Linear Regulator
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
   Low Dropout 600mA Fixed Voltage Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A_15 Datasheet
148Kb / 9P
   Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com