Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-SB-12A-11 Datasheet(PDF) 1 Page - Copal Electronics

Part # CL-SB-12A-11
Description  SLIDE SWITCHES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CL-SB-12A-11 Datasheet(HTML) 1 Page - Copal Electronics

  CL-SB-12A-11 Datasheet HTML 1Page - Copal Electronics CL-SB-12A-11 Datasheet HTML 2Page - Copal Electronics CL-SB-12A-11 Datasheet HTML 3Page - Copal Electronics CL-SB-12A-11 Datasheet HTML 4Page - Copal Electronics CL-SB-12A-11 Datasheet HTML 5Page - Copal Electronics CL-SB-12A-11 Datasheet HTML 6Page - Copal Electronics CL-SB-12A-11 Datasheet HTML 7Page - Copal Electronics CL-SB-12A-11 Datasheet HTML 8Page - Copal Electronics CL-SB-12A-11 Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
2
3
4
5
6
※Please refer to the LIST OF PART NUMBERS when placing orders.
Wide variety
(circuit composition, operating direction, terminal shape:
J-hook, Gull wing, Through hole pins)
Standardization of the silver contacts as well as gold
contacts
Stroke is 2mm
Using heat-resistant resin to support reflow soldering
mounting
Adopted Twin-contacts mechanism
FEATURES
INTERNAL STRUCTURE
Part name
Housing
Slider
Moving contact
Fixed contact
Terminal pin
Material
Flammability
UL94V-0
UL94V-0
Polyphenylenesulphide
Polyamido
Cover
Stainless steel (SUS 304)
Copper alloy, gold or silver plate
Copper alloy, gold or silver plate
Copper alloy, gold or silver plate
CL-SB
SLIDE SWITCHES
RoHS compliant
PART NUMBER DESIGNATION
CL - SB - 2 3 B - 0 2 T
Series name
No. of poles
11 pole
22 poles
Contact material
1
:Silver  
2
:Gold
Setting position
0Top setting
1Side setting
Form of packaging
T : Taping
Blank : Bulk in plastic bag
No. of positions
22 positions
33 positions
Shape of terminal
AJ-hook
BGull wing
CThrough hole pins


Similar Part No. - CL-SB-12A-11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL-SB-12A-11 ETC2-CL-SB-12A-11 Datasheet
363Kb / 11P
   Adopted Twin-contacts mechanism
CL-SB-12A-11T ETC2-CL-SB-12A-11T Datasheet
363Kb / 11P
   Adopted Twin-contacts mechanism
More results

Similar Description - CL-SB-12A-11

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com