Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMS-4212WA Datasheet(PDF) 3 Page - Copal Electronics

Part # CMS-4212WA
Description  SLIDE SWITCHES (SMD)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CMS-4212WA Datasheet(HTML) 3 Page - Copal Electronics

  CMS-4212WA Datasheet HTML 1Page - Copal Electronics CMS-4212WA Datasheet HTML 2Page - Copal Electronics CMS-4212WA Datasheet HTML 3Page - Copal Electronics CMS-4212WA Datasheet HTML 4Page - Copal Electronics CMS-4212WA Datasheet HTML 5Page - Copal Electronics CMS-4212WA Datasheet HTML 6Page - Copal Electronics CMS-4212WA Datasheet HTML 7Page - Copal Electronics CMS-4212WA Datasheet HTML 8Page - Copal Electronics CMS-4212WA Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Manual soldering
:350
± 10 °C, 3 ~ 4 s
Flow
:260
1 °C
þ5~ 6 s
Reflow
:255 °C (Peak temperature)
(Please refer to the profile below)
STANDARD SPECIFICATIONS
Operating temp. range
Storage temp. range
Sealing
Net weight
− 40 ~ 85 °C
Non washable
0.40 g (CMS-2202)
0.45 g (CMS-2302)
0.50 g (CMS-2402)
0.42 g (CMS-2212)
0.48 g (CMS-2312)
0.54 g (CMS-2412)
0.42 g (CMS-2214)
0.48 g (CMS-2314)
0.54 g (CMS-2414)
0.80 g (CMS-4202)
0.84 g (CMS-4216)
No. of positions
Stroke
Operating force
Stop strength
Solderability
Soldering heat
Shear (Adhesion)
Substrate bending
Pull-off strength
2, 3, 4
2 mm
1.5
± 1 N {0.15 ± 0.1 kgf}
30 N {3.06 kgf} 15 s
Top setting
245
± 3 °C 2 ~ 3 s
50 N {5.09 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
50 N {5.09 kgf} 10 s
Contact rating
Non-switching
Switching
Minimum
Contact timing
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC12 V 100 mA
DC20 mV 1
μA
Non-shorting
70 m
Ω maximum
100 M
Ω minimum (DC500 V)
AC500 V, 60 s
Vibration
Shock
Load life
Humidity
High temp. exposure
Low temp. exposure
Thermal shock
Amplitude 1.5 mm or
Acceleration 98 m/s
2,
10-500-10 Hz, 3 directions for 10 cycles each
490 m/s
2, 11 ms, sinusoidal wave half cycle,
6 directions for 3 times each
Continuous load 30000 cycles,
DC12
± 0.5 V, 100 ± 10 mA
40 °C, Relative humidity 90 ~ 95 %,
240 h, No load
85 °C, 96 h, No load
−40 °C, 96 h, No load
−40 (0.5 h) ~ 85 °C (0.5 h), 5 cycles
ELECTRICAL CHARACTERISTICS
MECHANICAL CHARACTERISTICS
ENVIRONMENTAL CHARACTERISTICS
{ } : Reference only
CMS
SLIDE SWITCHES (SMD)
Reflow profile for soldering heat evaluation
Reflow : two times maximum
Peak : 250
Over 230 C
Pre Heating Zone
180 C
(C)
250
200
150
100
50
150 C
90 30 s
30 10 s
Soldering Zone
Heating time
C
+5
0


Similar Part No. - CMS-4212WA

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS-402008-18SP CUI-CMS-402008-18SP Datasheet
429Kb / 5P
   SPEAKER
logo
CUI Devices
CMS-402008-18SP CUID-CMS-402008-18SP Datasheet
416Kb / 5P
   SPEAKER
08/05/2022
logo
CUI INC
CMS-40208N CUI-CMS-40208N Datasheet
389Kb / 4P
   650 Hz resonant frequency
logo
CUI Devices
CMS-40208N CUID-CMS-40208N Datasheet
346Kb / 4P
   SPEAKER
08/05/2022
CMS-4021-34SP-X5 CUID-CMS-4021-34SP-X5 Datasheet
436Kb / 5P
   SPEAKER
03/22/2023
More results

Similar Description - CMS-4212WA

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CJS COPAL-CJS Datasheet
947Kb / 5P
   SLIDE SWITCHES (SMD)
logo
List of Unclassifed Man...
CJS-1201TB1 ETC2-CJS-1201TB1 Datasheet
125Kb / 5P
   SLIDE SWITCHES(SMD)
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com