Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFS-0103MA Datasheet(PDF) 1 Page - Copal Electronics

Part # CFS-0103MA
Description  SLIDE SWITCHES (FULL PITCH)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFS-0103MA Datasheet(HTML) 1 Page - Copal Electronics

  CFS-0103MA Datasheet HTML 1Page - Copal Electronics CFS-0103MA Datasheet HTML 2Page - Copal Electronics CFS-0103MA Datasheet HTML 3Page - Copal Electronics CFS-0103MA Datasheet HTML 4Page - Copal Electronics CFS-0103MA Datasheet HTML 5Page - Copal Electronics CFS-0103MA Datasheet HTML 6Page - Copal Electronics CFS-0103MA Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SLIDE SWITCHES (FULL PITCH)
CFS
FEATURES
O RoHS compliant
O Excellent contact stability by twin Gold-plated contact
Part name
Cover
Slider
Housing
Slider contact
Fixed contact
Terminal pin
Material
Flammability
UL94V-0
Polyphenylenesulphide
Polyamide
Polyphenylenesulphide
Copper alloy, Gold-plated
INTERNAL STRUCTURE
PART NUMBER DESIGNATION
※ Please refer to the LIST OF PART NUMBERS when placing orders.
O Communication devices, Air-conditioning equiment,
Vending machines and various control equipment
C F S - 0 4 0 1 T B
Series name
No. of bits
011 bit
022 bits
033 bits
044 bits
055 bits
066 bits
077 bits
088 bits
099 bits
1010 bits
Form of packaging
T Taping (Reel)
MMagazine
AJ-hook
BGull wing
CThrough hole pin
Shape of terminal
Structure
00
01
02
03
K1
※1:J-hook type is not available
APPLICATIONS
RoHS compliant


Similar Part No. - CFS-0103MA

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CFS-145 CITIZEN-CFS-145 Datasheet
56Kb / 1P
   TUNING FORK CRYSTAL UNITS (Cylinder Type)
CFS-145 CITIZEN-CFS-145 Datasheet
139Kb / 2P
   Because of their excellent shock resistance
logo
Eldeco Srl
CFS-2.5 ELDECO-CFS-2.5 Datasheet
168Kb / 1P
   Standard : UL - IEC 150V - 250V 4A - 5A
logo
CITIZEN ELECTRONICS CO....
CFS-206 CITIZEN-CFS-206 Datasheet
56Kb / 1P
   TUNING FORK CRYSTAL UNITS (Cylinder Type)
CFS-206 CITIZEN-CFS-206 Datasheet
139Kb / 2P
   Because of their excellent shock resistance
More results

Similar Description - CFS-0103MA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com