Electronic Components Datasheet Search |
|
CFPB-1CC-1W6W Datasheet(PDF) 1 Page - Copal Electronics |
|
CFPB-1CC-1W6W Datasheet(HTML) 1 Page - Copal Electronics |
1 / 3 page CFPB Illuminated Pushbutton Switches RoHS Compliant ■ SpeciÄcations Rating Max. DC5V 5mA or DC20V 1mA Min. DC5V 1mA Initial Contact Resistance 200 Ω Max (20mV 1.5mA 1kHz Max) Dielectric Strength 250VAC 1 minute Insulation Resistance 100MΩ (100VDC) Travel 1.5mm (11/12mm sq.) 1.3mm(6/9mm sq.) Operating Force 1.7 ±0.5N (11/12mm sq) 1.3 +0.6/-0.4N (6/9mm sq.) Electrical Life 500,000 operations at maxrating (11/12mm sq.) 300,000 operations at max. rating (6/9mm sq.) Operating Temperature Range −10℃∼+60℃ Storage Temperature Range −25℃∼+70℃ ※Information on LED drive circuit are shown on the next page. ■ Features 1. Full Surface Illumination by LED. 2. Conductive Rubber Contact For Soft and Quiet Operation 3. Available in Four Sizes 6mm sq., 9mm sq., 11mm sq., 12mm sq. ■Part Numbering Pushbutton OFF −(ON) 1 pole W B1 C C 1 W 1 Series Code & Actuator Button Dimension Button Color Packaging Specifications W P 1 1 2 6 9 LED Color Terminal Style Number of Poles Number of Poles Type Combination 1R 1 2 1 3 1 4 1 5 1 5 1 5 2R 1O 3O 1W 4W 1B 5B 1G 5G 1Y R O W B G Y 5Y Non-illuminated Red Orange Yellow Green Green Green Red Orange White clear Blue Green Yellow Non-illuminated Non-illuminated Non-illuminated Non-illuminated Non-illuminated LED Color Button Color Button Dimension Packaging Specifications Code Fig. Fig. C Straight Terminal Style Code Code Tray □11mm sq. □12mm sq. □6mm sq. □9mm sq. C Switching Function Switching Function Code Switching Function Part No. CFPB −1CC−■■■W OFF (ON) Connecting Terminals − 1 −2 ※Exclude Non - illuminated type. LED Characteristics Part No. CFPB −1CC−■■■W Connecting Terminals 3 −4 (ON) :Momentary ■Switching function ■LED Characteristics |
Similar Part No. - CFPB-1CC-1W6W |
|
Similar Description - CFPB-1CC-1W6W |