Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMS-2302WA Datasheet(PDF) 5 Page - Copal Electronics

Part # CMS-2302WA
Description  SLIDE SWITCHES (SMD)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CMS-2302WA Datasheet(HTML) 5 Page - Copal Electronics

  CMS-2302WA Datasheet HTML 1Page - Copal Electronics CMS-2302WA Datasheet HTML 2Page - Copal Electronics CMS-2302WA Datasheet HTML 3Page - Copal Electronics CMS-2302WA Datasheet HTML 4Page - Copal Electronics CMS-2302WA Datasheet HTML 5Page - Copal Electronics CMS-2302WA Datasheet HTML 6Page - Copal Electronics CMS-2302WA Datasheet HTML 7Page - Copal Electronics CMS-2302WA Datasheet HTML 8Page - Copal Electronics CMS-2302WA Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
O CMS-2302A
O CMS-2214C
O CMS-2302B
O CMS-2302C
Production date code
Terminal No.1
5.4
+0.3
0
1
3
5
5.3
5.2
2
24
0.6
0.6
φ
0.9
φ
②③
C
C
⑤⑦ ⑧
Schematic
22
2
Travel
2
15
12.8
10.8
Production date code
Terminal No.1
Travel
2
2
0.2
1
5.2
5
4
3 1
2.2
2
0.3
0.6
①②
C
C
④⑤ ⑥
Schematic
15
12.8
Production date code
Terminal No.1
Travel
2
22
5.3
5.2
2
4
2
0.6
0.6
φ
0.9
φ
8
0.6 min.
0.6 min.
1
5
2
②③
C
C
⑤⑦ ⑧
Schematic
12.8
Production date code
Terminal No.1
0.2
1
5.2
5
2.2
2
24
0.6
0.3
②③
C
C
⑤⑦ ⑧
Schematic
Travel
2
2
2
2
CMS
SLIDE SWITCHES (SMD)
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)
O CMS-2312A
O CMS-2312B
O CMS-2312C
15
12.8
Production date code
Terminal No.1
Travel
2
22
5.4
+0.3
0
1
3
5
2
5.3
5.2
2
4
2
0.6
0.6
φ
0.9
φ
②③
C
C
⑤⑦ ⑧
Schematic
Travel
2
2
2
8
1
0.6 min.
0.6 min.
5
2
5.3
5.2
2
24
0.6
0.6
φ
0.9
φ
②③
C
C
⑤⑦ ⑧
Schematic
Production date code
Terminal No.1
15
12.8
12.8
Production date code
Terminal No.1
Travel
2
2
2
0.2
1
5.2
5
2
2.2
2
24
0.6
0.3
②③
C
C
⑤⑦ ⑧
Schematic
O CMS-2314A
Production date code
Terminal No.1
Travel
2
2
2
5.4
+0.3
0
1
3
5
4
5.3
5.2
2
24
0.6
0.6
φ
0.9
φ
②③
C
C
⑤⑦ ⑧
Schematic
15
12.8


Similar Part No. - CMS-2302WA

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CMS-231137-158SP-X8 CUID-CMS-231137-158SP-X8 Datasheet
373Kb / 5P
   SPEAKER
03/22/2023
logo
CUI INC
CMS-23558N-L152 CUI-CMS-23558N-L152 Datasheet
367Kb / 4P
   550 Hz resonant frequency
CMS-23558N-L152 CUI-CMS-23558N-L152 Datasheet
425Kb / 5P
   SPEAKER
10/23/2020
logo
CUI Devices
CMS-23558N-L152 CUID-CMS-23558N-L152 Datasheet
395Kb / 5P
   SPEAKER
08/05/2022
logo
CUI INC
CMS-23558N-L152A CUI-CMS-23558N-L152A Datasheet
425Kb / 5P
   SPEAKER
10/23/2020
More results

Similar Description - CMS-2302WA

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CJS COPAL-CJS Datasheet
947Kb / 5P
   SLIDE SWITCHES (SMD)
logo
List of Unclassifed Man...
CJS-1201TB1 ETC2-CJS-1201TB1 Datasheet
125Kb / 5P
   SLIDE SWITCHES(SMD)
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com