Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFT2-2HC6-AW Datasheet(PDF) 1 Page - Copal Electronics

Part # CFT2-2HC6-AW
Description  Ultra-Miniature Toggle Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFT2-2HC6-AW Datasheet(HTML) 1 Page - Copal Electronics

  CFT2-2HC6-AW Datasheet HTML 1Page - Copal Electronics CFT2-2HC6-AW Datasheet HTML 2Page - Copal Electronics CFT2-2HC6-AW Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CFT2
Ultra-Miniature Toggle Switch
RoHS Compliant
■ :WLJPÄJH[PVUZ
Rating
Max.
28VDC 0.4VA max.
Min.
1
μ A 20mVDC
Initial contact resistance
100m
Ω max.
(1.5mA 200μVAC)
Dielectric strength
250VAC 1 minute
Insulation resistance
500M
Ω min.
(250VDC)
Electrical life
10,000 cycles at max. rating.
50,000 cycles at min. rating.
(D.E.N.P type)
30,000 cycles at min. rating.
(F.G.H.R.S.T type)
Mechanical life
D.E.N.P type 50,000 cycles
F.G.H.R.S.T type 30,000 cycles
Operating
temperature range
−40℃∼+85℃
Storage
temperature range
−40℃∼+85℃
■Part Numbering
(ON)
:Momentary.
Series Actuator
ON
ON
ONーOFF ー ON
ON
ー (ON)
(ON)ーOFFー(ON)
ONーOFFー(ON)
Terminal style
N
P
R
S
T
Toggle
1 pole
C
C4
C6
T
PC Straight
Right angle
Vertical mounting
2 poles
CFT2
− 2
N
C 4
A
W
Number of poles
Switching function
Standard
A
Actuator shape
Packaging spec
Number of poles
Terminal style
Type
1
2
Fig.
Fig.
2 poles
D
E
F
G
H
1 pole
Code
Switching function
Code Actuator shape
Tray
W
Code Packaging spec
Terminal style of c(Style:PC Terminal)
Terminal style of c4(Style:R/A Terminal)
c4
Terminal style of c6(Style:V/M Terminal)
;LYTPUHS7PUZ!:[YHPNO[
(J[\H[VY*VSVY!.YH`
Washable
■-LH[\YLZ
1. Ultra-miniature toggle switch for high density mounting.
2. Washable.
3. Terminal pin pitch: 2.54 mm.
4. Independent detent mechanism ensures light
operational feel.
5. Clip contact mechanism for long-term contact reliability.
6. Gold-plated contacts.


Similar Part No. - CFT2-2HC6-AW

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFT2-2HC6-AW COPAL-CFT2-2HC6-AW Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
More results

Similar Description - CFT2-2HC6-AW

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFT2-SERIES COPAL-CFT2-SERIES Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
FT_SERIES COPAL-FT_SERIES Datasheet
382Kb / 3P
   Ultra-Miniature Toggle Switch
BT_SERIES COPAL-BT_SERIES Datasheet
242Kb / 3P
   Miniature Toggle Switch
CF-TB COPAL-CF-TB Datasheet
233Kb / 2P
   Miniature Power Toggle Switch
logo
GREATECS
G3T GREATECS-G3T Datasheet
759Kb / 1P
   Ultra-Miniature SMT Toggle Switches
logo
Omron Electronics LLC
A9TS OMRON-A9TS Datasheet
700Kb / 4P
   Ultra subminiature Toggle Switch
logo
GREATECS
G12JPC GREATECS-G12JPC Datasheet
2Mb / 6P
   Ultra-Miniature Fully Illuminated Toggle Switches
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com