Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65261 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65261
Description  2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65261 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65261 Datasheet HTML 2Page - Texas Instruments TPS65261 Datasheet HTML 3Page - Texas Instruments TPS65261 Datasheet HTML 4Page - Texas Instruments TPS65261 Datasheet HTML 5Page - Texas Instruments TPS65261 Datasheet HTML 6Page - Texas Instruments TPS65261 Datasheet HTML 7Page - Texas Instruments TPS65261 Datasheet HTML 8Page - Texas Instruments TPS65261 Datasheet HTML 9Page - Texas Instruments TPS65261 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
TPS65266-1
SLVSDA6 – OCTOBER 2016
www.ti.com
Product Folder Links: TPS65266-1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Lab validation result
(2)
Typical value without bonding wires; from design simulation
6.5 Electrical Characteristics
TJ = –30°C to 125°C, VIN= 5 V, typical values are at TJ = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY VOLTAGE
VIN
Input voltage range
2.7
6
V
UVLO
VIN undervoltage lockout
VIN rising
2.35
2.45
2.6
V
VIN falling
2.15
2.25
2.37
V
IDD(SDN)
Shutdown supply current
EN1 = EN2 = EN3 = 0 V
9
µA
IDD(Q_NSW)
Input quiescent current without
buck1/2/3 switching
EN1 = EN2 = EN3 = 5 V,
FB1 = FB2 = FB3 = 0.8 V
790
µA
IDD(Q_NSW1)
EN1 = 5 V, EN2 = EN3 = 0 V,
FB1 = 0.8 V
340
µA
IDD(Q_NSW2)
EN2 = 5 V, EN1 = EN3 = 0 V,
FB2 = 0.8 V
340
µA
IDD(Q_NSW3)
EN3 = 5 V, EN1 = EN2 = 0 V,
FB3 = 0.8 V
340
µA
BUCK1, BUCK2, BUCK3
VFB
Feedback voltage
VCOMP = 1.2 V
0.594
0.6
0.606
V
VEN(XH)
EN1/2/3 high-level input voltage
1.2
1.26
V
VEN(XL)
EN1/2/3 low-level input voltage
1.1
1.15
V
IEN(X1)
EN1/2/3 pullup current
ENx = 1 V
1.7
2.1
2.5
µA
IEN(X2)
EN1/2/3 pullup current
ENx = 1.3 V
5.3
µA
IEN(hys)
Hysteresis current
3.2
µA
ISSX
Soft-start charging current
4.5
5.5
6.5
µA
G(m_PS1/2/3)
COMP1/2/3 voltage to inductor current
Gm
(1)
ILX = 0.5 A
10
A/V
I(LIMIT1)
Buck1 peak inductor current limit
3.55
4.6
5.6
A
I(LIMITSINK1)
Buck1 low-side sink current limit
1.4
I(LIMIT2/3)
Buck2/3 peak inductor current limit
2.35
3.1
3.7
A
I(LIMITSINK2/3)
Buck2/3 low-side sink current limit
1.2
A
Rds(on)_HS1
Buck1 high-side switch resistance(2)
VINQ = 5 V
45
m
Rds(on)_LS1
Buck1 low-side switch resistance(2)
VINQ = 5 V
50
m
Rds(on)_HS2
Buck2 high-side switch resistance(2)
VINQ = 5 V
60
m
Rds(on)_LS2
Buck2 low-side switch resistance(2)
VINQ = 5 V
60
m
Rds(on)_HS3
Buck3 high-side switch resistance(2)
VINQ = 5 V
60
m
Rds(on)_LS3
Buck3 low-side switch resistance(2)
VINQ = 5 V
60
m
POWER GOOD
V(th_PG)
Feedback voltage threshold
FBx undervoltage falling
92.5
%VREF
FBx undervoltage rising
95
%VREF
IPG
PGOOD pin leakage
1
µA
V(LOW_PG)
PGOOD pin low voltage
I(SINK) = 1 mA
0.4
V


Similar Part No. - TPS65261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65261 TI1-TPS65261 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65261-1 TI1-TPS65261-1 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65261-1RHBR TI1-TPS65261-1RHBR Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65261-1RHBT TI1-TPS65261-1RHBT Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65261RHBR TI1-TPS65261RHBR Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65266-1 TI1-TPS65266-1_16 Datasheet
1Mb / 37P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI1-TPS65266_16 Datasheet
2Mb / 41P
[Old version datasheet]   2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65266 TI-TPS65266_15 Datasheet
2Mb / 41P
[Old version datasheet]   TPS65266 2.7- to 6.5-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65268-Q1 TI1-TPS65268-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   4-V to 8-V, 3-A, 2-A, 2-A Triple Synchronous Step-Down Converter
TPS65263 TI1-TPS65263_16 Datasheet
1Mb / 46P
[Old version datasheet]   4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-1Q1 TI1-TPS65263-1Q1 Datasheet
2Mb / 45P
[Old version datasheet]   4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263 TI-TPS65263_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65263, 4.5- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS65263-Q1 TI-TPS65263-Q1_15 Datasheet
1Mb / 47P
[Old version datasheet]   TPS65263-Q1 4.0- to 18-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter With I2C Controlled Dynamic Voltage Scaling
TPS628501 TI-TPS628501_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TPS62850x 2.7-V to 6-V, 1-A / 2-A / 3-A Step-Down Converter in SOT583 Package
JUNE 2022
TPS54218 TI1-TPS54218_12 Datasheet
1Mb / 37P
[Old version datasheet]   2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com