Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS77618-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS77618-Q1
Description  TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77618-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS77618-Q1 Datasheet HTML 6Page - Texas Instruments TPS77618-Q1 Datasheet HTML 7Page - Texas Instruments TPS77618-Q1 Datasheet HTML 8Page - Texas Instruments TPS77618-Q1 Datasheet HTML 9Page - Texas Instruments TPS77618-Q1 Datasheet HTML 10Page - Texas Instruments TPS77618-Q1 Datasheet HTML 11Page - Texas Instruments TPS77618-Q1 Datasheet HTML 12Page - Texas Instruments TPS77618-Q1 Datasheet HTML 13Page - Texas Instruments TPS77618-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
0
3.7
2.7
0
20
40
60
80
100
120
140
160
180
200
C
=10 F
T =+25 C
m
OUT
A
°
t -
-
Time
s
m
-10
3
2.7
2
1.50
1.75
2.0
2.25
2.50
2.75
4
3.0
3.25
3.5
I
=0.5A
OUT
V
OUT -
-
OutputVoltage
V
T =+25 C
A
°
T =+125 C
A
°
T = 40 C
A
-
°
500
0
50
0
-50
0
20
40
60
80
100
120
140
160
180
200
t -
-
Time
s
m
C
=2x47 F
ESR=1/2x100m
V
=1.5V
V
=2.7V
m
W
OUT
IN
OUT
0
20
40
60
80
100
120
140
160
180
200
t -
-
Time
s
m
10
0
5.3
4.3
-10
C
=10 F
T =+25 C
m
OUT
A
°
TPS775xx, TPS776xx
SLVS232J – SEPTEMBER 1999 – REVISED MARCH 2009.............................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ= –40°C to +125°C) unless otherwise noted. Typical values are at TJ = +25°C.
INPUT VOLTAGE (MIN)
TPS77x15
vs OUTPUT VOLTAGE
LINE TRANSIENT RESPONSE
Figure 15.
Figure 16.
TPS77x15
TPS77x33
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 1999–2009, Texas Instruments Incorporated


Similar Part No. - TPS77618-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77618-Q1 TI1-TPS77618-Q1 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77618-Q1 TI1-TPS77618-Q1 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77618-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77625 TI-TPS77625_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601 TI-TPS77601_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77615 TI-TPS77615_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI1-TPS751XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI-TPS751XXQ Datasheet
832Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI1-TPS752XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com