Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-SB-23B-01T Datasheet(PDF) 8 Page - Copal Electronics

Part # CL-SB-23B-01T
Description  SLIDE SWITCHES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CL-SB-23B-01T Datasheet(HTML) 8 Page - Copal Electronics

  CL-SB-23B-01T Datasheet HTML 1Page - Copal Electronics CL-SB-23B-01T Datasheet HTML 2Page - Copal Electronics CL-SB-23B-01T Datasheet HTML 3Page - Copal Electronics CL-SB-23B-01T Datasheet HTML 4Page - Copal Electronics CL-SB-23B-01T Datasheet HTML 5Page - Copal Electronics CL-SB-23B-01T Datasheet HTML 6Page - Copal Electronics CL-SB-23B-01T Datasheet HTML 7Page - Copal Electronics CL-SB-23B-01T Datasheet HTML 8Page - Copal Electronics CL-SB-23B-01T Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CL-SB
SLIDE SWITCHES
PACKAGING SPECIFICATIONS
<Taping packaging specifications>
Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500, pcs., etc.
Taping version is boxed with one reel (500 pcs.).
Maximum number of consecutive missing pieces=2
Leader length and reel dimension are shown in the
diagrams below:
Embossed tape dimensions
Reel dimensions
(Unit: mm)
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
Leader
Part No. ladel
2±0.5
13±0.2
φ
21±0.8
φ
25.4±1
29.4±1
<Bulk pack specifications>
The smallest unit of bulk pack in plastic bag is 10 pcs.
per pack.Orders will be accepted for unit of minimum 10
pcs., i.e., 10, 20, 30 pcs., etc.
Boxing of bulk in a plastic bag is performed with 50 pcs.
per box.
(Conforms to JIS C 0806)
CL-SB-12A/12B-0 T
CL-SB-22A/22B-0 T
Direction of feed
Installation example
(CL-SB-12B-02T)
φ1.5+0.1
0
12 0.1
2 0.1
5 0.1
4 0.1
Terminal
No.1
7.3
Direction of feed
Installation example
(CL-SB-22B-02T)
φ1.5+0.1
0
12 0.1
2 0.1
5 0.1
4 0.1
Terminal
No.1
7.3
〈Tape dimensions〉
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)


Similar Part No. - CL-SB-23B-01T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL-SB-23B-01T ETC2-CL-SB-23B-01T Datasheet
363Kb / 11P
   Adopted Twin-contacts mechanism
More results

Similar Description - CL-SB-23B-01T

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com