Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF-CA-1CB4-P102 Datasheet(PDF) 2 Page - Copal Electronics

Part # CF-CA-1CB4-P102
Description  Right Angle Tactile Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CF-CA-1CB4-P102 Datasheet(HTML) 2 Page - Copal Electronics

  CF-CA-1CB4-P102 Datasheet HTML 1Page - Copal Electronics CF-CA-1CB4-P102 Datasheet HTML 2Page - Copal Electronics CF-CA-1CB4-P102 Datasheet HTML 3Page - Copal Electronics CF-CA-1CB4-P102 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
●1.1mm(Without Support Terminal)
●1.1mm(With Support Terminal)
●2.4mm(Without Support Terminal)
●2.4mm(With Support Terminal)
●4.0mm(Without Support Terminal)
●4.0mm(With Support Terminal)
■Outline dimensions
5
6.7
7.6
&LUFXLW$UUDQJHPHQW
&LUFXLW'LDJUDP
&LUFXLW$UUDQJHPHQW
&LUFXLW'LDJUDP
&LUFXLW$UUDQJHPHQW
&LUFXLW'LDJUDP
&LUFXLW$UUDQJHPHQW
&LUFXLW'LDJUDP
&LUFXLW$UUDQJHPHQW
&LUFXLW'LDJUDP
&LUFXLW$UUDQJHPHQW
&LUFXLW'LDJUDP
)5((
386+
2))
①②
①②
4
(t=0.25)
0.8
±0.1
3.8
1.1
0.25
6752.(
5
6.7
4.5
7.6
3.8
①②
4
(t=0.25)
0.8
±0.1
1.1
0.25
6752.(
)5((
386+
2))
21
21
①②
①②
5
6.7
7.6
3.8
①②
4
0.8
±0.1
2.4
0.25
6752.(
(t=0.25)
)5((
386+
2))
21
①②
①②
5
6.7
4.5
7.6
3.8
①②
4
0.8
±0.1
2.4
0.25
6752.(
(t=0.25)
)5((
386+
2))
21
①②
①②
5
6.7
7.6
3.8
4
①②
0.25
4
0.8
±0.1
6752.(
(t=0.25)
)5((
386+
2))
21
①②
①②
5
6.7
7.6
3.8
4
①②
4
0.8
±0.1
4.5
0.25
6752.(
(t=0.25)
)5((
386+
2))
21
①②
①②


Similar Part No. - CF-CA-1CB4-P102

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
CF-0310A-3 JMK-CF-0310A-3 Datasheet
32Kb / 1P
   2,125,782 Hrs @ 30C GB
logo
PREMO CORPORATION S.L
CF-050 PREMO-CF-050 Datasheet
136Kb / 1P
   PTH SMPS Current Transformer Up to 15A
logo
IRC - a TT electronics ...
CF-1/2102GBLK IRCTT-CF-1/2102GBLK Datasheet
257Kb / 3P
   General Purpose Carbon Film Resistors
CF-1/2102JBLK IRCTT-CF-1/2102JBLK Datasheet
257Kb / 3P
   General Purpose Carbon Film Resistors
CF-1/2102KBLK IRCTT-CF-1/2102KBLK Datasheet
257Kb / 3P
   General Purpose Carbon Film Resistors
More results

Similar Description - CF-CA-1CB4-P102

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
   Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
   Tactile Switches
logo
List of Unclassifed Man...
101-TS7311T1601-EV ETC2-101-TS7311T1601-EV Datasheet
147Kb / 1P
   Tactile Switches
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
   Tactile Switches
logo
List of Unclassifed Man...
101-TS7311T1604BC-EV ETC2-101-TS7311T1604BC-EV Datasheet
149Kb / 1P
   Tactile Switches
logo
Omron Electronics LLC
B3W-9 OMRON-B3W-9 Datasheet
875Kb / 10P
   Illuminated Tactile Switches
logo
List of Unclassifed Man...
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
   Tactile Switches (SMT)
logo
CamdenBoss Ltd.
CST06S0AT CAMDENBOSS-CST06S0AT Datasheet
443Kb / 1P
   6x6mm tactile switches
logo
C&K Components
KT11B1SM CK-COMPONENTS-KT11B1SM Datasheet
430Kb / 3P
   Sealed Tactile Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com