Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2120CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL2120CS
Description  100MHz Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2120CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL2120CS Datasheet HTML 1Page - Intersil Corporation EL2120CS Datasheet HTML 2Page - Intersil Corporation EL2120CS Datasheet HTML 3Page - Intersil Corporation EL2120CS Datasheet HTML 4Page - Intersil Corporation EL2120CS Datasheet HTML 5Page - Intersil Corporation EL2120CS Datasheet HTML 6Page - Intersil Corporation EL2120CS Datasheet HTML 7Page - Intersil Corporation EL2120CS Datasheet HTML 8Page - Intersil Corporation EL2120CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Typical Performance Curves (Continued)
Differential Gain vs
DC Input Offset
at 3.58MHz
Differential Phase vs
DC Input Offset
at 3.58MHz
Differential Phase vs
DC Input Offset
at 30MHz
Differential Gain vs
DC Input Offset
at 30MHz
Input Noise Voltage
and Current
Differential Gain and Phase
vs Supply Voltage
(VIN, DC from 0 to +0.7V)
EL2120


Similar Part No. - EL2120CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2120CS ELANTEC-EL2120CS Datasheet
354Kb / 12P
   100 MHz Current Feedback Amplifier
More results

Similar Description - EL2120CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com