Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS77601PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77601PWPR
Description  TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS77601PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS77601PWPR Datasheet HTML 1Page - Texas Instruments TPS77601PWPR Datasheet HTML 2Page - Texas Instruments TPS77601PWPR Datasheet HTML 3Page - Texas Instruments TPS77601PWPR Datasheet HTML 4Page - Texas Instruments TPS77601PWPR Datasheet HTML 5Page - Texas Instruments TPS77601PWPR Datasheet HTML 6Page - Texas Instruments TPS77601PWPR Datasheet HTML 7Page - Texas Instruments TPS77601PWPR Datasheet HTML 8Page - Texas Instruments TPS77601PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
ELECTRICAL CHARACTERISTICS
TPS775xx, TPS776xx
www.ti.com.............................................................................................................................................. SLVS232J – SEPTEMBER 1999 – REVISED MARCH 2009
Over recommended operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 1V; IOUT = 1mA, VEN = 0V, COUT =
10
µF, unless otherwise noted. Typical values are at T
J = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.7
10
V
TPS77501
1.5
5.5
V
VOUT
Output voltage range
TPS77601
1.2
5.5
V
VOUT + 1V ≤ VIN ≤ 10V
(1)
VOUT
Accuracy
–2.0
+2.0
%
10
µA < I
OUT < 500mA
IOUT = 10mA
85
IGND
Ground pin current
µA
IOUT = 500mA
125
ΔVOUT%/ ΔVIN
Output voltage line regulation
VOUT + 1V ≤ VIN ≤ 10V
(1)
0.01
%/V
ΔVOUT%/ ΔIOUT
Load regulation
3
mV
Output noise voltage
VN
TPS77x18
IC = 500mA, COUT = 10µF
53
µV
RMS
BW = 200Hz to 100kHz
TPS77628
IOUT = 500mA
285
410
mV
VDO
Dropout voltage(2)
TPS77533
IOUT = 500mA
169
287
mV
TPS77633
IOUT = 500mA
169
287
mV
ICL
Output current limit
VOUT = 0V
1.2
1.6
1.9
A
TSD
Shutdown temperature
150
°C
TJ
Operating junction temperature range
–40
+125
°C
EN = VIN, at TJ = +25°C,
1
2.7V < VIN < 10V
ISTBY
Standby current
µA
EN = VIN, 2.7V < VIN < 10V
10
IFB
FB input current
TPS77x01
FB = 1.5V
2
nA
VEN(HI)
High-level enable input voltage
1.7
V
VEN(LO)
Low-level enable input voltage
0.9
V
PSRR
Power-supply ripple rejection
f = 100Hz, COUT = 10µF
60
dB
Minimum input voltage for valid RESET
IOUT(RESET) = 300µA
1.1
V
Trip threshold voltage
VOUT decreasing
92
98
%VOUT
Hysteresis voltage
Measured at VOUT
0.5
%VOUT
RESET
(TPS775xx)
Output low voltage
VIN = 2.7V, IOUT(RESET) = 1mA
0.15
0.4
V
Leakage current
V(RESET) = 5V
1
µA
RESET time-out delay
200
ms
Minimum input voltage for valid PG
IOUT(PG) = 300µA
1.1
V
Trip threshold voltage
VOUT decreasing
92
98
%VOUT
PG
Hysteresis voltage
Measured at VOUT
0.5
%VOUT
(TPS776xx)
Output low voltage
VIN = 2.7V, IOUT(PG) = 1mA
0.15
0.4
V
Leakage current
V(PG) = 5V
1
µA
EN = 0V
–1
0
1
Input current (EN)
µA
EN = VIN
–1
1
(1)
Minimum VIN = VOUT + VDO or 2.7V, whichever is greater.
(2)
VDO is not measured for fixed output versions with VOUT(NOM) < 2.8 V because mimimum VIN = 2.7V.
Copyright © 1999–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS77601PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77601PWPR TI-TPS77601PWPR Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601PWPRG4 TI-TPS77601PWPRG4 Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77601PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77625 TI-TPS77625_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601 TI-TPS77601_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77615 TI-TPS77615_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI1-TPS751XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI-TPS751XXQ Datasheet
832Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI1-TPS752XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com