Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS782-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS782-Q1
Description  500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS782-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS782-Q1 Datasheet HTML 1Page - Texas Instruments TPS782-Q1 Datasheet HTML 2Page - Texas Instruments TPS782-Q1 Datasheet HTML 3Page - Texas Instruments TPS782-Q1 Datasheet HTML 4Page - Texas Instruments TPS782-Q1 Datasheet HTML 5Page - Texas Instruments TPS782-Q1 Datasheet HTML 6Page - Texas Instruments TPS782-Q1 Datasheet HTML 7Page - Texas Instruments TPS782-Q1 Datasheet HTML 8Page - Texas Instruments TPS782-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TPS782
www.ti.com
SBVS115D – AUGUST 2008 – REVISED JANUARY 2015
6.5 Electrical Characteristics
Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.5 V or 2.2 V, whichever is greater;
IOUT = 100 μA, VEN = VIN, COUT = 1.0 μF, fixed VOUT test conditions, unless otherwise noted. Typical values at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.2
5.5
V
Nominal
TJ = 25°C
–2%
±1%
+2%
VOUT
DC output accuracy
Over VIN, IOUT, VOUT(nom) + 0.5 V ≤ VIN ≤ 5.5 V,
–3%
±2%
3%
temperature
0 mA
≤ IOUT ≤ 150 mA
VOUT(nom) + 0.5 V ≤ VIN ≤ 5.5 V,
ΔVOUT(ΔVIN)
Line regulation
±1%
IOUT = 5 mA
ΔVOUT(ΔIOUT)
Load regulation
0 mA
≤ IOUT ≤ 150 mA
±2%
VDO
Dropout voltage(1)
VIN = 95% VOUT(nom), IOUT = 150 mA
130
250
mV
ILIM
Output current limit
VOUT = 0.90 × VOUT(nom)
150
230
400
mA
IOUT = 0 mA
0.42
1.3
μA
IGND
Ground pin current
IOUT = 150 mA
8
μA
IEN
EN pin current
VEN = 5.5V
40
nA
VEN ≤ 0.4 V, 2.2 V ≤ VIN < 5.5 V,
ISHDN
Shutdown current (IGND)
18
130
nA
TJ = –40°C to 100°C
f = 10 Hz
40
dB
VIN = 4.3 V,
PSRR
Power-supply rejection ratio
VOUT = 3.3 V,
f = 100 Hz
20
dB
IOUT = 150 mA
f = 1 kHz
15
dB
BW = 100 Hz to 100 kHz, VIN = 3.2 V,
Vn
Output noise voltage
108
μVRMS
VOUT = 2.7 V, IOUT = 1 mA
COUT = 1.0 μF, VOUT = 10% VOUT(nom) to
tSTR
Startup time(2)
500
μs
VOUT = 90% VOUT(nom)
IOUT = 150 mA, COUT = 1.0 μF,
VOUT = 2.8 V,
tSHDN
Shutdown time(3)
500(4)
μs
VOUT = 90% VOUT(nom) to
VOUT = 10% VOUT(nom)
Shutdown, temperature increasing
160
°C
Tsd
Thermal shutdown temperature
Reset, temperature decreasing
140
°C
TJ
Operating junction temperature
–40
125
°C
(1)
VDO is not measured for devices with VOUT(nom) ≤ 2.3 V because minimum VIN = 2.2 V.
(2)
Time from VEN = 1.2 V to VOUT = 90% (VOUT(nom)).
(3)
Time from VEN = 0.4 V to VOUT = 10% (VOUT(nom)).
(4)
See Shutdown in the Feature Description section for more details.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS782


Similar Part No. - TPS782-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782-Q1 TI1-TPS782-Q1 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
More results

Similar Description - TPS782-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782 TI-TPS782 Datasheet
1Mb / 28P
[Old version datasheet]   TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI1-TPS78225-Q1 Datasheet
574Kb / 18P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI-TPS78225-Q1_15 Datasheet
846Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com