Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76850QDRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS76850QDRG4
Description  FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76850QDRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS76850QDRG4 Datasheet HTML 1Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 2Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 3Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 4Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 5Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 6Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 7Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 8Page - Texas Instruments TPS76850QDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE—FREE-AIR TEMPERATURES
RECOMMENDED OPERATING CONDITIONS
TPS768xxQ
SLVS211L – JUNE 1999 – REVISED JANUARY 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT(2)
TPS768xxQyyyz
XX is nominal output voltage (for example, 28 = 2.8 V, 285 = 2.85 V, 01 = Adjustable).
YYY is package designator.
Z is package quantity.
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Custom output voltages are available; minimum order quantities may apply. Contact factory for details and availability.
over operating free-air temperature range (unless otherwise noted) (1)
VALUE
Input voltage range, VI(2)
–0.3 V to 13.5 V
Voltage range at EN
–0.3 V to VI + 0.3 V
Maximum PG voltage
16.5 V
Peak output current
Internally limited
Continuous total power dissipation
See Dissipation Rating Table
Output voltage, VO (OUT, FB)
7 V
Operating junction temperature range, TJ
–40
°C to +125°C
Storage temperature range, Tstg
–65
°C to +150°C
ESD rating, HBM
2 kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network terminal ground.
AIR FLOW
TA < +25°C
DERATING FACTOR
TA = +70°C
TA = +85°C
PACKAGE
(CFM)
POWER RATING
ABOVE TA = +25°C
POWER RATING
POWER RATING
0
568.18 mW
5.6818 mW/
°C
312.5 mW
227.27 mW
D
250
904.15 mW
9.0415 mW/
°C
497.28 mW
361.66 mW
0
3.1 W
30.7 mW/
°C
1.7 W
1.2 W
PWP(1)
250
4.1 W
41.2 mW/
°C
2.3 W
1.6 W
(1)
This parameter is measured with the recommended copper heat sink pattern on a 4-layer, 5-in
× 5-in PCB, 1 oz. copper, 4-in × 4-in
coverage (4 in2).
MIN
MAX
UNIT
Input voltage, VI(1)
2.7
10
V
Output voltage range, VO
1.2
5.5
V
Output current, IO(2)
0
1.0
A
Operating junction temperature, TJ(2)
–40
+125
°C
(1)
Minimum VIN = VOUT + VDO or 2.7 V, whichever is greater.
(2)
Continuous current and operating junction temperature are limited by internal protection circuitry, but it is not recommended that the
device operate under conditions beyond those specified in this table for extended periods of time.
2
Submit Documentation Feedback


Similar Part No. - TPS76850QDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76850QDRG4 TI-TPS76850QDRG4 Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76850QDRG4 TI-TPS76850QDRG4 Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76850QDRG4 TI-TPS76850QDRG4 Datasheet
879Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76850QDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com