Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS780180300DRVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780180300DRVT
Description  150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS780180300DRVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS780180300DRVT Datasheet HTML 1Page - Texas Instruments TPS780180300DRVT Datasheet HTML 2Page - Texas Instruments TPS780180300DRVT Datasheet HTML 3Page - Texas Instruments TPS780180300DRVT Datasheet HTML 4Page - Texas Instruments TPS780180300DRVT Datasheet HTML 5Page - Texas Instruments TPS780180300DRVT Datasheet HTML 6Page - Texas Instruments TPS780180300DRVT Datasheet HTML 7Page - Texas Instruments TPS780180300DRVT Datasheet HTML 8Page - Texas Instruments TPS780180300DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TPS780
GND
EN
V
SET
IN
OUT
V
IN
V
OUT
1 F
m
1 F
m
4.2Vto5.5V
2.2Vto3.3V
On
Off
V
High=V
SET
OUT(LOW)
V
Low=V
SET
OUT(HIGH)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS780
SBVS083E – JANUARY 2007 – REVISED JANUARY 2015
TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,
Dual-Level Output Voltage
1 Features
3 Description
The TPS780 family of low-dropout (LDO) regulators
1
Low IQ: 500 nA
offer the benefits of ultralow power, miniaturized
150-mA, Low-Dropout Regulator With Pin-
packaging, and selectable dual-level output voltage
Selectable Dual Voltage Level Output
levels with the VSET pin.
Low Dropout: 200 mV at 150 mA
The ultralow-power and dynamic voltage scaling
3% Accuracy Over Load, Line, and Temperature
(DVS) capability which provides dual-level output
Available in Dual-Level, Fixed-Output Voltages
voltages let designers customize power consumption
for specific applications. Designers can now shift to a
From 1.5 V to 4.2 V
lower voltage level in a battery-powered design when
Available in an Adjustable Version from 1.22 V to
the microprocessor is in sleep mode, further reducing
5.25 V or a Dual-Level Output Version
overall system power consumption. The two voltage
VSET Pin Toggles Output Voltage Between Two
levels are preset at the factory and are stored using
Factory-Programmed Voltage Levels
EPROM and are available on fixed output voltage
devices.
Stable with a 1.0-
μF Ceramic Capacitor
Thermal Shutdown and Overcurrent Protection
The TPS780 series of LDOs are designed to be
compatible with the TI MSP430 and other similar
CMOS Logic Level-Compatible Enable Pin
products. The enable pin is compatible with standard
Available in DDC (TSOT23-5) or DRV (2-mm ×
CMOS logic. The TPS780 series also come with
2-mm SON-6) Package Options
thermal shutdown and current limit to protect the
device during fault conditions. All packages have an
2 Applications
operating temperature range of TJ = –40°C to 125°C.
For more cost-sensitive applications requiring a dual-
TI MSP430™ Attach Applications
level voltage option and only on par IQ, consider the
Power Rails With Programming Mode
TPS781 series, with an IQ of 1.0 μA and dynamic
Dual Voltage Levels for Power-Saving Mode
voltage scaling.
Wireless Handsets, Smart Phones, PDAs, MP3
Device Information(1)
Players, and Other Battery-Operated Handheld
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Products
SOT (5)
2.90 mm x 1.60 mm
TPS780xx
SON (6)
2.00 mm x 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS780180300DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS780 TI-TPS780 Datasheet
896Kb / 24P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78001 TI-TPS78001 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
More results

Similar Description - TPS780180300DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
TPS780 TI-TPS780_10 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78101 TI1-TPS78101 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
896Kb / 24P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI1-TPS781_16 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_09 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780_0805 TI-TPS780_0805 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI-TPS781_15 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com