Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS78218DRVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78218DRVR
Description  500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78218DRVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS78218DRVR Datasheet HTML 6Page - Texas Instruments TPS78218DRVR Datasheet HTML 7Page - Texas Instruments TPS78218DRVR Datasheet HTML 8Page - Texas Instruments TPS78218DRVR Datasheet HTML 9Page - Texas Instruments TPS78218DRVR Datasheet HTML 10Page - Texas Instruments TPS78218DRVR Datasheet HTML 11Page - Texas Instruments TPS78218DRVR Datasheet HTML 12Page - Texas Instruments TPS78218DRVR Datasheet HTML 13Page - Texas Instruments TPS78218DRVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Thermal
Shutdown
10kW
Current
Limit
Bandgap
IN
EN
OUT
EPROM
Logic
Active
Pull-
Down
GND
TPS782
SBVS115D – AUGUST 2008 – REVISED JANUARY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TPS782 family of low-dropout regulators (LDOs) is designed specifically for battery-powered applications
where ultralow quiescent current is a critical parameter. The TPS782 family is compatible with the TI MSP430
and other similar products. The enable pin (EN) is compatible with standard CMOS logic. This LDO family is
stable with any output capacitor greater than 1.0 µF.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Internal Current Limit
The TPS782 is internally current-limited to protect the regulator during fault conditions. During current limit, the
output sources a fixed amount of current that is largely independent of output voltage. For reliable operation, the
device should not be operated in a current limit state for extended periods of time.
The PMOS pass element in the TPS782 series has a built-in body diode that conducts current when the voltage
at OUT exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is
anticipated, external limiting to 5% of rated output current may be appropriate.
7.3.2 Active VOUT Pulldown
In the TPS782 series, the active pulldown discharges VOUT when the device is off. However, the input voltage
must be greater than 2.2 V for the active pulldown to work.
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TPS782


Similar Part No. - TPS78218DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78218DRVR TI1-TPS78218DRVR Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS78218DRVR TI1-TPS78218DRVR Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS78218DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782 TI-TPS782 Datasheet
1Mb / 28P
[Old version datasheet]   TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI1-TPS78225-Q1 Datasheet
574Kb / 18P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI-TPS78225-Q1_15 Datasheet
846Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com