Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS78001DDCR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78001DDCR
Description  150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78001DDCR Datasheet(HTML) 5 Page - Texas Instruments

  TPS78001DDCR Datasheet HTML 1Page - Texas Instruments TPS78001DDCR Datasheet HTML 2Page - Texas Instruments TPS78001DDCR Datasheet HTML 3Page - Texas Instruments TPS78001DDCR Datasheet HTML 4Page - Texas Instruments TPS78001DDCR Datasheet HTML 5Page - Texas Instruments TPS78001DDCR Datasheet HTML 6Page - Texas Instruments TPS78001DDCR Datasheet HTML 7Page - Texas Instruments TPS78001DDCR Datasheet HTML 8Page - Texas Instruments TPS78001DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TPS780
www.ti.com
SBVS083E – JANUARY 2007 – REVISED JANUARY 2015
6.5 Electrical Characteristics
Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.5 V or 2.2 V, whichever is greater; IOUT =
100
μA, VVSET = VEN = VIN, COUT = 1.0 μF, fixed or adjustable, unless otherwise noted. Typical values at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.2
5.5
V
Nominal
TJ = 25°C, VSET = high/low
–2%
±1%
+2%
VOUT
(1)
DC output accuracy
Over VIN, IOUT, VOUT(nom) + 0.5 V ≤ VIN ≤ 5.5 V,
–3.0%
±2.0%
+3.0%
temperature
0 mA
≤ IOUT ≤ 150 mA, VSET = high/low
Internal reference(2)
VFB
TJ = 25°C, VIN = 4.0 V, IOUT = 75 mA
1.216
V
(adjustable version only)
Output voltage range(3) (4)
VOUT_RANGE
VIN = 5.5 V, IOUT = 100 μA
(2)
VFB
5.25
V
(adjustable version only)
VOUT(nom) + 0.5 V ≤ VIN ≤ 5.5 V,
ΔVOUT(ΔVIN)
Line regulation
–1%
+1%
IOUT = 5 mA
ΔVOUT(ΔIOUT)
Load regulation
0 mA
≤ IOUT ≤ 150 mA
–2%
+2%
VDO
Dropout voltage(5)
VIN = 95% VOUT(nom), IOUT = 150 mA
250
mV
BW = 100 Hz to 100 kHz, VIN = 2.2 V,
Vn
Output noise voltage
86
μVRMS
VOUT = 1.2 V, IOUT = 1 mA
VSET high (output VOUT(LO) selected),
VHI
1.2
VIN
V
or EN high (enabled)
VSET low (output VOUT(HI) selected),
VLO
0
0.4
V
or EN low (disabled)
ICL
Output current limit
VOUT = 0.90 × VOUT(nom)
150
230
400
mA
IOUT = 0 mA
(6)
420
800
nA
IGND
Ground pin current
IOUT = 150 mA
5
μA
VEN ≤ 0.4 V, 2.2 V ≤ VIN < 5.5 V,
ISHDN
Shutdown current (IGND)
18
130
nA
TJ = –40°C to 100°C
IVSET
VSET pin current
VEN = VVSET = 5.5 V
70
nA
IEN
EN pin current
VEN = VVSET = 5.5 V
40
nA
FB pin current(7)
IFB
VIN = 5.5 V, VOUT = 1.2 V, IOUT = 100 μA
10
nA
(Adjustable version only)
f = 10 Hz
40
VIN = 4.3 V,
PSRR
Power-supply rejection ratio
VOUT = 3.3 V,
f = 100 Hz
20
dB
IOUT = 150 mA
f = 1kHz
15
VOUT transition time (high-to-low)
VOUT_LOW = 2.2 V, VOUT(HI) = 3.3 V,
tTR(H→L)
800
μs
VOUT = 97% × VOUT(HI)
IOUT = 10 mA
VOUT transition time (low-to-high)
VOUT_HIGH = 3.3 V, VOUT(LO) = 2.2 V,
tTR(L→H)
800
μs
VOUT = 97% × VOUT(LO)
IOUT = 10 mA
COUT = 1.0 μF, VOUT = 10% VOUT(nom) to
tSTR
Start-up time(8)
500
μs
VOUT = 90% VOUT(nom)
IOUT = 150 mA, COUT = 1.0 μF,
VOUT = 2.8 V,
tSHDN
Shutdown time(9)
500(10)
μs
VOUT = 90% VOUT(nom) to
VOUT = 10% VOUT(nom)
Shutdown, temperature increasing
160
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
140
°C
TJ
Operating junction temperature
–40
125
°C
(1)
The output voltage for VSET = low/high is programmed at the factory.
(2)
Adjustable version only.
(3)
No VSET pin on the adjustable version.
(4)
No dynamic voltage scaling on the adjustable version.
(5)
VDO is not measured for devices with VOUT(nom) < 2.3 V because minimum VIN = 2.2 V.
(6)
IGND = 800 nA (max) up to 100°C.
(7)
The TPS78001 FB pin is tied to VOUT. Adjustable version only.
(8)
Time from VEN = 1.2 V to VOUT = 90% (VOUT(nom)).
(9)
Time from VEN = 0.4 V to VOUT = 10% (VOUT(nom)).
(10) See Shutdown for more details.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS780


Similar Part No. - TPS78001DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78001DDCR TI-TPS78001DDCR Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78001DDCR TI-TPS78001DDCR Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78001DDCR TI-TPS78001DDCR Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78001DDCRG4 TI-TPS78001DDCRG4 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78001DDCRG4 TI-TPS78001DDCRG4 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
More results

Similar Description - TPS78001DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
TPS780 TI-TPS780_10 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS78101 TI1-TPS78101 Datasheet
921Kb / 26P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
896Kb / 24P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI1-TPS781_16 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_09 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780_0805 TI-TPS780_0805 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI-TPS781_15 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com