Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBA2-05D1H6 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # HBA2-05D1H6
Description  Isolated DC-DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

HBA2-05D1H6 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  HBA2-05D1H6 Datasheet HTML 1Page - Bothhand USA, LP. HBA2-05D1H6 Datasheet HTML 2Page - Bothhand USA, LP. HBA2-05D1H6 Datasheet HTML 3Page - Bothhand USA, LP. HBA2-05D1H6 Datasheet HTML 4Page - Bothhand USA, LP. HBA2-05D1H6 Datasheet HTML 5Page - Bothhand USA, LP. HBA2-05D1H6 Datasheet HTML 6Page - Bothhand USA, LP. HBA2-05D1H6 Datasheet HTML 7Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev:20130522A
Page 2 of 4
Isolated DC-DC Converters
HBA2 Series -- 2Watt
Output
Current (mA)
Input Current (mA)
Model
Number
Reinforced
Isolation 8kVDC
Input Voltage
Range(V)
Output
Voltage
(V)
Full Load
No Load
Full Load
Eff .
(2)
(%)
Capacitive
Load, max.
(3)
(uF)
HBA2-15S0H6
HBA2-15S0H8
3.3
600
178
78
3300
HBA2-15S1H6
HBA2-15S1H8
5
400
175
80
1200
HBA2-15SBH6
HBA2-15SBH8
7.2
278
171
82
1200
HBA2-15SAH6
HBA2-15SAH8
9
222
169
83
1200
HBA2-15S2H6
HBA2-15S2H8
12
167
167
84
680
HBA2-15S3H6
HBA2-15S3H8
15
132
165
85
680
HBA2-15D0H6
HBA2-15D0H8
±3.3
±300
174
80
±1500
HBA2-15D1H6
HBA2-15D1H8
±5
±200
171
82
±470
HBA2-15DBH6
HBA2-15DBH8
±7.2
±139
169
83
±470
HBA2-15DAH6
HBA2-15DAH8
±9
±111
167
84
±470
HBA2-15D2H6
HBA2-15D2H8
±12
±85
167
84
±330
HBA2-15D3H6
HBA2-15D3H8
13.5 ~ 16.5
Nominal: 15
±15
±66
25
165
85
±330
HBA2-24S0H6
HBA2-24S0H8
3.3
600
111
78
3300
HBA2-24S1H6
HBA2-24S1H8
5
400
110
80
1200
HBA2-24SBH6
HBA2-24SBH8
7.2
278
113
78
1200
HBA2-24SAH6
HBA2-24SAH8
9
222
113
78
1200
HBA2-24S2H6
HBA2-24S2H8
12
167
113
78
680
HBA2-24S3H6
HBA2-24S3H8
15
132
111
79
680
HBA2-24D0H6
HBA2-24D0H8
±3.3
±300
113
77
±1500
HBA2-24D1H6
HBA2-24D1H8
±5
±200
110
80
±470
HBA2-24DBH6
HBA2-24DBH8
±7.2
±139
114
77
±470
HBA2-24DAH6
HBA2-24DAH8
±9
±111
113
78
±470
HBA2-24D2H6
HBA2-24D2H8
±12
±85
110
80
±330
HBA2-24D3H6
HBA2-24D3H8
21.6 ~ 26.4
Nominal: 24
±15
±66
20
111
79
±330
Input Specifications
5V nominal input
4.5~5.5V
12V nominal input
10.8~13.2V
15V nominal input
13.5~16.5V
Input voltage
24V nominal input
21.6~26.4V
Input filter
Capacitor
Environmental Specifications
Operating ambient temperature
-40°C to +85°C
Maximum case temperature
+95°C
Storage temperature range
-55°C to +125°C
Relative humidity
95% RH max.
Output Specifications
Output power
2 Watts max.
Voltage accuracy
Nominal Vin and full load
±5% max.
Bothhand USA
sales@bothhandusa.com
www.bothhandusa.com


Similar Part No. - HBA2-05D1H6

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HBA2-05D1H6 BOTHHAND-HBA2-05D1H6 Datasheet
783Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - HBA2-05D1H6

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com