Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS767 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS767
Description  Fast-Transient-Response 1-A Low-Dropout Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS767 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS767 Datasheet HTML 6Page - Texas Instruments TPS767 Datasheet HTML 7Page - Texas Instruments TPS767 Datasheet HTML 8Page - Texas Instruments TPS767 Datasheet HTML 9Page - Texas Instruments TPS767 Datasheet HTML 10Page - Texas Instruments TPS767 Datasheet HTML 11Page - Texas Instruments TPS767 Datasheet HTML 12Page - Texas Instruments TPS767 Datasheet HTML 13Page - Texas Instruments TPS767 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TA − Free-Air Temperature − °C
−40
0
20
120
103
−60
40
60
80 100
102
101
100
10−1
10−2
−20
140
IO = 1 A
IO = 10 mA
IO = 0
10
0
3.7
2.7
t − Time − s
0
60
40
20
80 100
140
120
160 180 200
−10
f − Frequency − kHz
101
102
105
106
0
10−1
10−2
104
103
IO = 1 mA
IO = 1 A
3
2.7
2
1.5
1.75
2
2.25
2.5
2.75
4
3
3.25
3.5
TA = 25°C
VO − Output Voltage − V
TA = 125°C
TA = −40°C
f − Frequency − Hz
102
103
104
105
10−5
10−6
10−8
10−7
IO = 7 mA
IO = 1 A
100k
10k
f − Frequency − Hz
60
50
40
30
20
10
0
− 10
90
80
1k
100
10
1M
TPS767
SLVS208J – MAY 1999 – REVISED AUGUST 2015
www.ti.com
VI = 4.3 V
Co = 10 µF
VI = 4.3 V
Co = 10 µF
TA = 25°C
IO = 1 A
TA = 25°C
Figure 10. TPS76733 Power Supply Ripple Rejection vs
Figure 11. TPS76733 Output Spectral Noise Density vs
Frequency
Frequency
IO = 1 A
VI = 4.3 V
Co = 10 µF
TA = 25°C
Figure 12. Input Voltage (MIN) vs Output Voltage
Figure 13. TPS76733 Output Impedance vs Frequency
CO = 10 µF
TA = 25°C
CO = 10 µF
Figure 15. TPS76715 Line Transient Response
Figure 14. TPS76733 Dropout Voltage vs Free-Air
Temperature
10
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated


Similar Part No. - TPS767

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767-Q1 TI1-TPS767-Q1 Datasheet
494Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROP OUT VOLTAGE REGULATORS
TPS76701 TI-TPS76701 Datasheet
292Kb / 20P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS767

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI-TPS767_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS767xxQ Fast-Transient-Response 1-A Low-Dropout Linear Regulators
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825Q TI-TPS76825Q Datasheet
430Kb / 23P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com