Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1501-DS1511 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1501-DS1511
Description  Y2K-Compliant Watchdog Real-Time Clocks
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1501-DS1511 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1501-DS1511 Datasheet HTML 5Page - Dallas Semiconductor DS1501-DS1511 Datasheet HTML 6Page - Dallas Semiconductor DS1501-DS1511 Datasheet HTML 7Page - Dallas Semiconductor DS1501-DS1511 Datasheet HTML 8Page - Dallas Semiconductor DS1501-DS1511 Datasheet HTML 9Page - Dallas Semiconductor DS1501-DS1511 Datasheet HTML 10Page - Dallas Semiconductor DS1501-DS1511 Datasheet HTML 11Page - Dallas Semiconductor DS1501-DS1511 Datasheet HTML 12Page - Dallas Semiconductor DS1501-DS1511 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DS1501/DS1511 Y2KC Watchdog Real-Time Clocks
9 of 20
PIN DESCRIPTION
PIN
DIP, SO
MODULE
TSOP
NAME
FUNCTION
1
1
8
PWR
Active-Low Power-On Output (Open Drain). This output, if used, is normally
connected to power-supply control circuitry. This pin requires a pullup resistor
connected to a positive supply to operate correctly.
2, 3
9, 10
X1, X2
Connections for Standard 32.768kHz Quartz Crystal. For greatest accuracy, the
DS1501 must be used with a crystal that has a specified load capacitance of either
6pF or 12.5pF. The crystal select (CS) bit in control register B is used to select
operation with a 6pF or 12.5pF crystal. The crystal is attached directly to the X1 and
X2 pins. There is no need for external capacitors or resistors. An external 32.768kHz
oscillator can also drive the DS1501. In this configuration, the X1 pin is connected to
the external oscillator signal and the X2 pin is floated. For more information about
crystal selection and crystal layout considerations, refer to Application Note 58:
Crystal Considerations with Dallas Real-Time Clocks. See Figure 9. An enable bit in
the month register controls the oscillator. Oscillator startup time is highly dependent
upon crystal characteristics, PC board leakage, and layout. High ESR and excessive
capacitive loads are the major contributors to long startup times. A circuit using a
crystal with the recommended characteristics and proper layout usually starts within
one second.
4
4
11
RST
Active-Low Reset Output. (Open Drain). This output, if used, is normally connected
to a microprocessor-reset input. This pin requires a pull up resistor connected to a
positive supply to operate correctly. When
RST is active, the device is not accessible.
5
5
12
IRQ
Active-Low Interrupt Output (Open Drain). This output, if used, is normally connected
to a microprocessor interrupt input. This pin requires a pullup resistor connected to a
positive supply to operate correctly.
6–10
6–10
13–17
A4–A0
Address Inputs. Selects one of 17 register locations.
11–13,
15–19
11–13,
15–19
18–20,
22–26
DQ0–DQ7
Data Input/Output. I/O pins for 8-bit parallel data transfer.
14, 21
14
21, 28
GND
Ground. DC power is applied to the device on these pins. VCC is the positive terminal.
When power is applied within the normal limits, the device is fully accessible and
data can be written and read. When VCC drops below the normal limits, reads and
writes are inhibited. As VCC drops below the battery voltage, the RAM and
timekeeping circuits are switched over to the battery.
22
22
1
OE
Output-Enable Input. Active-low input that enables DQ0–DQ7 for data output from
the device.
20
20
27
CE
Chip-Enable Input. Active-low input to enable the device.
23
23
2
SQW
Square-Wave Output. When enabled, the SQW pin outputs a 32.768kHz square
wave. If the square wave (
E32K) and battery backup 32kHz (BB32) bits are enabled,
power is provided by VBAUX when VCC is absent.
24
24
3
KS
Active-Low Kickstart Input. This pin is used to wake up a system from an external
event, such as a key closure. The
KS pin is normally connected using a pullup
resistor to VBAUX. If the KS function is not used, connect to ground.
25
4
VBAT
Battery Input for Any Standard 3V Lithium Cell or Other Energy Source. Battery
voltage must be held between 2.5V and 3.7V for proper operation. UL recognized to
ensure against reverse charging current when used with a lithium battery. If not
used, connect to ground.*
26
26
5
VBAUX
Auxiliary Battery Input for Any Standard 3V Lithium Cell or Other Energy Source.
Battery voltage must be held between 2.5V and 3.7V for proper operation. UL
recognized to ensure against reverse charging current when used with a lithium
battery. If not used, connect to ground.*
27
27
6
WE
Write-Enable Input. Active-low input that enables DQ0–DQ7 for data input to the
device.
28
28
7
VCC
DC Power. VCC is the positive terminal. When power is applied within the normal
limits, the device is fully accessible and data can be written and read. When VCC
drops below the normal limits, reads and writes are inhibited. As VCC drops below the
battery voltage, the RAM and timekeeping circuits are switched over to the battery.
2, 3, 21,
25
N.C.
No Connect
*See “Conditions of Acceptability” at www.maxim-ic.com/TechSupport/QA/ntrl.htm.


Similar Part No. - DS1501-DS1511

ManufacturerPart #DatasheetDescription
logo
Power-One
DS1501-7R POWER-ONE-DS1501-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
More results

Similar Description - DS1501-DS1511

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
DS1501 MAXIM-DS1501_09 Datasheet
448Kb / 22P
   Y2K-Compliant Watchdog Real-Time Clocks
REV: 010909
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
   Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17285 MAXIM-DS17285 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
Texas Instruments
BQ3285LF TI-BQ3285LF Datasheet
150Kb / 22P
[Old version datasheet]   Y2K-Enhanced Real-Time Clock (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com