Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP1S-26S-805-Z Datasheet(PDF) 1 Page - Copal Electronics

Part # LP1S-26S-805-Z
Description  Illuminated Pushbutton Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LP1S-26S-805-Z Datasheet(HTML) 1 Page - Copal Electronics

  LP1S-26S-805-Z Datasheet HTML 1Page - Copal Electronics LP1S-26S-805-Z Datasheet HTML 2Page - Copal Electronics LP1S-26S-805-Z Datasheet HTML 3Page - Copal Electronics LP1S-26S-805-Z Datasheet HTML 4Page - Copal Electronics LP1S-26S-805-Z Datasheet HTML 5Page - Copal Electronics LP1S-26S-805-Z Datasheet HTML 6Page - Copal Electronics LP1S-26S-805-Z Datasheet HTML 7Page - Copal Electronics LP1S-26S-805-Z Datasheet HTML 8Page - Copal Electronics LP1S-26S-805-Z Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP
Illuminated Pushbutton Switches
RoHS Compliant
■Approvals
 UL File No.E43275
 CSA File No.LR38341
■ Features
1. Low ProÄle
Ideal for low proÄle PC mounting or snap-in mounting with
tight behind panel dimensions.
2. Full Face Illumination
Bright LED provides excellent illumination
3. Two Mounting Methods
PC board mount or snap-in panel mount.
4. Snap-Action Mechanism
Snap-action mechanism provides tactile feel.
5. UL Recognized and CSA CertiÄed
Switches are UL recognized and CSA certiÄed.
■ SpeciÄcation
Rating
Silver contact
(Max.)3A 125V / 3A 250V / 3A DC30V
(Min.)10mA 5V AC/DC
Gold plated
contact
(Max.)
0.4VA AC/DC
・Voltage 20mA∼48V
・Current 0.1mA∼50mA
(Min.)20mV 0.1mA AC/DC
Initial contact resistance
Silver contacts ; 50mΩ max.
(1A 2∼4VDC)
Gold plated contaccts ; 100mΩ max.(1.5mA 200μVAC)
Dielectric strength
1,500VAC 1 minute
Insulation resistance
100MΩ min.
(500VDC)
Contact Bounce
10 msec. max.
Electrical
life
Silver contact
30,000 operations(3A 125VAC・3A 30VDC)
20,000 operations(3A 250VAC)
Gold plated contact
50,000 operations(50mA 48V AC/DC)
200,000 operations(0.4VA AC/DC)
Operating force
1 pole
1.47±0.98N
2 poles
2.26±0.98N
Travel
Total Travel
2.3mm
Latch Position 1.5mm
Operating
temperature range
−15∼+60℃
Storage
temperature range
−25∼+70℃


Similar Part No. - LP1S-26S-805-Z

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LP1SK0600BD SCHNEIDER-LP1SK0600BD Datasheet
140Kb / 3P
   TeSys SK - mini contactor - 2P (2 NO) - AC-1 - 690 V 12 A - 24 V DC coil
More results

Similar Description - LP1S-26S-805-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
13AL COPAL-13AL Datasheet
441Kb / 2P
   Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCHES
logo
Copal Electronics
15EL COPAL-15EL Datasheet
274Kb / 2P
   Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
   Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
   PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com