Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA1-LF-SERIES Datasheet(PDF) 8 Page - Bothhand USA, LP.

Part # SA1-LF-SERIES
Description  1 Watt SMD O/P DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA1-LF-SERIES Datasheet(HTML) 8 Page - Bothhand USA, LP.

Back Button SA1-LF-SERIES Datasheet HTML 4Page - Bothhand USA, LP. SA1-LF-SERIES Datasheet HTML 5Page - Bothhand USA, LP. SA1-LF-SERIES Datasheet HTML 6Page - Bothhand USA, LP. SA1-LF-SERIES Datasheet HTML 7Page - Bothhand USA, LP. SA1-LF-SERIES Datasheet HTML 8Page - Bothhand USA, LP. SA1-LF-SERIES Datasheet HTML 9Page - Bothhand USA, LP. SA1-LF-SERIES Datasheet HTML 10Page - Bothhand USA, LP. SA1-LF-SERIES Datasheet HTML 11Page - Bothhand USA, LP. SA1-LF-SERIES Datasheet HTML 12Page - Bothhand USA, LP. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Bothhand Enterprise
Inc.
SA1 LF Series
1 Watt SMD Single O/P DC-DC Converter
Single
Single
Single
Single and Dual
and Dual
and Dual
and Dual Output
Output
Output
Output
8
www.bothhand.com.tw
E-mail: sales@bothhand.com.tw
Dual Output Series (For Isolation Voltage 3KVdc )
9. Recommended Footprint Details
Single Output Series
Dual Output Series
For Isolation Voltage 1KVdc
1
3
7
14
8
-Vin +Vin
-Vo
NC
+Vo
Top View
8.7
[0.34]
13.1
[0.52]
12.2
[0.48]
1.2
[0.05]
1.75
[0.07]
-Vin +Vin
-Vo
NC
+Vo
8.7
[0.34]
15.2
[0.60]
12.2
[0.48]
1.2
[0.05]
1.75
[0.07]
com
1
3
7
18
12
Top View
9
For Isolation Voltage 3KVdc
-Vin +Vin
NC
NC
+Vo
8.7
[0.34]
15.2
[0.60]
12.2
[0.48]
1.2
[0.05]
1.75
[0.07]
-Vo
1
3
7
18
12
Top View
9
-Vin +Vin
-Vo
NC
+Vo
8.7
[0.34]
15.2
[0.60]
12.2
[0.48]
1.2
[0.05]
1.75
[0.07]
com
1
3
7
18
12
Top View
9
Units : mm (inch)
Tolerance : 0.xx ± 0.25(0.xx ±0.01)
SA1-05D05H LF
Date Code
15.20
[0.60]
11.40
[0.45]
8.40
[0.33]
2.54
[0.10]
5.08
[0.20]
7.60
[0.30]
5.90
[0.23]
1.70
[0.07]
8.15
[0.32]
1.50
[0.06]
0.60 [0.02]
Units : mm (inch)
Tolerance : 0.xx ± 0.25(0.xx ±0.01)
0.82 [0.03]
0.25 [0.01]
0.25
+0
-0.13
Pin
3K Vdc - Dual
Pin
1
-Vin
NC
18
3
+Vin
16
5
No Pin
No Pin
14
7
com
+Vo
12
9
-Vo
No Pin
10
Units : mm (inch)
Tolerance : 0.xx ± 0.25(0.xx ±0.01)


Similar Part No. - SA1-LF-SERIES

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SA1-0505LF BOTHHAND-SA1-0505LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
SA1-0509LF BOTHHAND-SA1-0509LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
SA1-0512LF BOTHHAND-SA1-0512LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
SA1-0515LF BOTHHAND-SA1-0515LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
SA1-053R3LF BOTHHAND-SA1-053R3LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
More results

Similar Description - SA1-LF-SERIES

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
SA1LF BOTHHAND-SA1LF Datasheet
362Kb / 15P
   1 Watt SMD O/P DC-DC Converter
CCAR25-SERIES BOTHHAND-CCAR25-SERIES Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CAA1 BOTHHAND-CAA1 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
CCAR25 BOTHHAND-CCAR25 Datasheet
528Kb / 6P
   0.25 Watt SMD O/P DC-DC Converter
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com