Electronic Components Datasheet Search |
|
F7-2415D15MLF Datasheet(PDF) 2 Page - Bothhand USA, LP. |
|
F7-2415D15MLF Datasheet(HTML) 2 Page - Bothhand USA, LP. |
2 / 7 page F7 LF - Series 15 Watt Isolated DC-DC Converter Single / Dual Output 98 2. Load regulation is for output current change from 0% to 100% Max. load. 3 . Absolute Maximum Ratings (Exceeding these values may damage the module. These are not continuous operating ratings) Parameter Condition Min. Typ. Max. Unit 12V Input Model -0.7 12 22 24V Input Model -0.7 24 44 Input Absolute Voltage Range 48V Input Model -0.7 48 88 Vdc Output Short Circuit Duration Nominal Input Range Indefinite & Auto-Restart Reverse Polarity Input Current Limit --- --- --- 1 A Operation Temperature (Ambient Temperature) Output Full Load -25 --- +71 Storage Temperature -55 --- +105 ℃ 4 . Nominal Input/Output Electrical Specifications (Specifications typical at Ta= +25℃ ,Nominal input voltage, Rated output current unless otherwise noted) Parameter Condition Min. Typ. Max. Unit 12V Input Model 9 12 18 24V Input Model 18 24 36 Input Voltage Range 48V Input Model 36 48 75 Vdc Line Regulation Output Full Load --- --- ± 0.5 Single Output Model --- --- ± 0.5 Load Regulation Dual Output Model --- --- ± 2 % Output Voltage Accuracy Nominal Input --- ± 1.0 ± 2.0 Output Voltage Balance Dual Output At Same Load --- --- ± 1.0 % Switching Frequency --- 300 --- KHz Temperature Coefficient Nominal Input --- ± 0.01 ± 0.02 % / ℃ Standard Series 1500 --- --- Isolation Voltage High Isolation Series 3000 --- --- Vdc Isolation Resistance 500Vdc 1000 --- --- MΩ Isolation Capacitance 1KHz / 250mV rms --- 1000 --- pF 5 . General Specification Parameter Specification Condition Isolation Voltage 1500 / 3000 Vdc Test Duration 60 Seconds / 0.5 mA www.bothhandusa.com 978-887-8050 sales@bothhandusa.com |
Similar Part No. - F7-2415D15MLF |
|
Similar Description - F7-2415D15MLF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |