Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUB10-48S2 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # BUB10-48S2
Description  Isolated DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BUB10-48S2 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  BUB10-48S2 Datasheet HTML 1Page - Bothhand USA, LP. BUB10-48S2 Datasheet HTML 2Page - Bothhand USA, LP. BUB10-48S2 Datasheet HTML 3Page - Bothhand USA, LP. BUB10-48S2 Datasheet HTML 4Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BOTHHAND
USA
E-mail:
sales@bothhandUSA.com
http://www.bothhandUSA.com
Rev:20101125A
Page 2 of 4
Isolated DC-DC Converters
BUB10 Series -- 10 Watt
Input Specifications
12V nominal input
9-18Vdc
24V nominal input
18-36Vdc
Input Voltage
48V nominal input
36-75Vdc
Input filter
Pi Type
Input surge voltage
12V nominal input
25Vdc
(100ms max.)
24V nominal input
50Vdc
48V nominal input
100Vdc
Input reflected ripple current
Nominal Vin and full load
250mAp-p typ.
Start up time
Nominal Vin and constant resistive load
600ms typ.
Converter: ON
Open or 3.5V<Vr<12V
Remote ON/OFF
Converter: OFF
Short
(4) or 0V<Vr<1.2V
Sourcing current of remote control pin
Nominal Vin
<0.2 mA
Idle input current (at Remote OFF state)
Nominal Vin
<3 mA
Reverse voltage protection
1.0A max
Environmental Specifications
Operating ambient temperature
-40°C to +85°C (with derating)
Maximum case temperature
+100°C
Storage temperature range
-55°C to +105°C
Relative humidity
5% to 95% RH
Temperature coefficient
±0.02% / °C max.
Output Specifications
Output power
10 Watts max.
Voltage accuracy
Full load and nominal Vin
±1%
Minimum load
See table
Line regulation
LL to HL at full load
±0.5%
25% load to full load
Single
±0.5%
Balanced load
Dual
±0.5%
Load Regulation
Unbalanced load 25% to 100% full load
±5%
Ripple and Noise
20MHz bandwidth
80mVp-p max.
3.3Vout models
3.9V
Over voltage protection
5Vout models
6.2V
(Zener Diode Clamp)
12Vout models
15V
15Vout models
18V
Capacitive load
See table
Over load protection
% of full load at nominal input
150% typ.
Short circuit protection
Continuous, automatic recovery
Transient response settling time
50% load step change
1800Us typ.
Transient response over shoot
di/dt=0.8A/µs
≤ ±5% of Vo


Similar Part No. - BUB10-48S2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BUB10-48S2 BOTHHAND-BUB10-48S2 Datasheet
293Kb / 4P
   Isolated DC-DC Converters
More results

Similar Description - BUB10-48S2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com