4 / 4 page
BOTHHAND
USA
E-mail: sales@bothhand
USA.com
http://www.bothhandUSA.com
Rev:20100713W1
Page 4 of
4
Isolated DC-DC Converters
BOB12 Series -- 12 Watt
BOB12-48S1
BOB12-48S1
Transient Response at 50%~100% Max Load
Loop Gain & Phase at Vi=48V,Full Load
Note
1. Typical value, tested at nominal input and full load.
2. For each output.
3. Short to -Vin (Pin 2,3).
4. Based on BOB12-48S1.
Mechanical Dimensions
Specifications subject to change without notice.
Pin Assignment
Pin
Single
Dual
1
Remote On/Off
Remote On/Off
2
-Vin
-Vin
3
-Vin
-Vin
9
No function
Common
11
No function
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
Unit: mm [inch]
Tolerance:±0.5[0.02]