Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73
Description  LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS73 Datasheet HTML 4Page - Texas Instruments TPS73 Datasheet HTML 5Page - Texas Instruments TPS73 Datasheet HTML 6Page - Texas Instruments TPS73 Datasheet HTML 7Page - Texas Instruments TPS73 Datasheet HTML 8Page - Texas Instruments TPS73 Datasheet HTML 9Page - Texas Instruments TPS73 Datasheet HTML 10Page - Texas Instruments TPS73 Datasheet HTML 11Page - Texas Instruments TPS73 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
TPS7301Q, TPS7325Q, TPS7330Q, TPS7333Q, TPS7348Q, TPS7350Q
LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED DELAYED RESET FUNCTION
SLVS124F – JUNE 1995 – REVISED JANUARY 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS7301Q electrical characteristics at IO = 10 mA, VI = 3.5 V, EN = 0 V, Co = 4.7 µF (CSR= 1 Ω), FB
shorted to OUT at device leads (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TJ
MIN
TYP
MAX
UNIT
25
°C
1.182
V
Reference voltage (measured at FB)
2.5 V
≤ VI ≤ 10 V,
See Note 1
5 mA
≤ IO ≤ 500 mA,
–40
°C to 125°C
1.147
1.217
V
Reference voltage temperature
coefficient
–40
°C to 125°C
61
75
ppm/
°C
VI =2 4V
50
µA ≤ IO ≤ 150 mA
25
°C
0.7
1
VI = 2.4 V,
50
µA ≤ IO ≤ 150 mA
–40
°C to 125°C
1
VI =2 4V
150 mA
≤ IO ≤ 500 mA
25
°C
0.83
1.3
Pass-element series resistance
VI = 2.4 V,
150 mA
≤ IO ≤ 500 mA
–40
°C to 125°C
1.3
(See Note 2)
VI =2 9V
50
µA ≤ IO ≤ 500 mA
25
°C
0.52
0.85
VI = 2.9 V,
50
µA ≤ IO ≤ 500 mA
–40
°C to 125°C
0.85
VI = 3.9 V,
50
µA ≤ IO ≤ 500 mA
25
°C
0.32
VI = 5.9 V,
50
µA ≤ IO ≤ 500 mA
25
°C
0.23
Input regulation
VI = 2.5 V to 10 V,
50
µA ≤ IO ≤ 500 mA,
25
°C
3
18
mV
Input regulation
I
,
See Note 1
µ
O
,
–40
°C to 125°C
25
mV
2.5 V
≤ VI ≤ 10 V,
IO = 5 mA to 500 mA,
25
°C
5
14
mV
Output regulation
I
,
See Note 1
O
,
–40
°C to 125°C
25
mV
Output regulation
2.5 V
≤ VI ≤ 10 V,
IO = 50 µA to 500 mA,
25
°C
7
22
mV
I
,
See Note 1
O
µ
,
–40
°C to 125°C
54
mV
IO =50 µA
25
°C
48
59
Ripple rejection
f = 120 Hz
IO = 50 µA
–40
°C to 125°C
44
dB
Ripple rejection
f = 120 Hz
IO = 500 mA,
25
°C
45
54
dB
O
,
See Note 1
–40
°C to 125°C
44
Output noise-spectral density
f = 120 Hz
25
°C
2
µV/√Hz
Co = 4.7 µF
25
°C
95
Output noise voltage
10 Hz
≤ f ≤ 100 kHz
Co = 10 µF
25
°C
89
µVrms
Co = 100 µF
25
°C
74
RESET trip-threshold voltage§
VO(FB) decreasing
–40
°C to 125°C
1.101
1.145
V
RESET hysteresis voltage§
Measured at VO(FB)
25
°C
12
mV
RESET output low voltage§
VI = 2 13 V
IO(RESET) = 400 µA
25
°C
0.1
0.4
V
RESET output low voltage§
VI = 2.13 V,
IO(RESET) = 400 µA
–40
°C to 125°C
0.4
V
FB input current
25
°C
–10
0.1
10
nA
FB input current
–40
°C to 125°C
–20
20
nA
† CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace resistance
to Co.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.
§ Output voltage programmed to 2.5 V with closed-loop configuration (see application information).
NOTES:
1. When VI < 2.9 V and IO > 150 mA simultaneously, pass element rDS(on) increases (see Figure 33) to a point where the resulting
dropout voltage prevents the regulator from maintaining the specified tolerance range.
2. To calculate dropout voltage, use equation: VDO = IO rDS(on)
rDS(on) is a function of both output current and input voltage. This parametric table lists rDS(on) for VI = 2.4 V, 2.9 V, 3.9 V, and
5.9 V, which corresponds to dropout conditions for programmed output voltages of 2.5 V, 3 V, 4 V, and 6 V respectively. For other
programmed values, refer to Figure 33.


Similar Part No. - TPS73

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS730 TI1-TPS730 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS73001 TI-TPS73001 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73001DBVR TI-TPS73001DBVR Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73001DBVR TI-TPS73001DBVR Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73001DBVR TI-TPS73001DBVR Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS73

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7301Q TI-TPS7301Q Datasheet
638Kb / 43P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7301Q TI1-TPS7301Q_12 Datasheet
954Kb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
   Low-Dropout System Voltage Regulator with Delayed Reset
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
Sanyo Semicon Device
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
   Low-Dropout Voltage Regulator with Reset and On-Off Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com