Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV16 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS92LV16
Description  16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV16 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS92LV16 Datasheet HTML 1Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 2Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 3Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 4Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 5Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 6Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 7Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 8Page - National Semiconductor (TI) DS92LV16 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Deserializer Switching Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
t
DSR1
Deserializer PLL
Lock Time from
PWRDWN (with
SYNCPAT)
(Note 7)
35MHz
3.7
10
µs
80 MHz
1.9
4
µs
t
DSR2
Deserializer PLL
Lock time from
SYNCPAT
35MHz
1.5
5
µs
80 MHz
0.9
2
µs
t
RNMI-R
Ideal Deserializer
Noise Margin Right
Figure 16
(Note 6)
35 MHz
+630
ps
80 MHz
+230
ps
t
RNMI-L
Ideal Deserializer
Noise Margin Left
Figure 16
(Note 6)
35 MHz
−630
ps
80 MHz
−230
ps
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
Note 2: Typical values are given for VCC = 3.3V and TA = +25˚C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground except VOD,
∆VOD,
VTH and VTL which are differential voltages.
Note 4: Due to TRI-STATE of the Serializer, the Deserializer will lose PLL lock and have to resynchronize before data transfer.
Note 5: For the purpose of specifying deserializer PLL performance tDSR1 and tDSR2 are specified with the REFCLK running and stable, and specific conditions
of the incoming data stream (SYNCPATs). It is recommended that the derserializer be initialized using either tDSR1 timing or tDSR2 timing. tDSR1 is the time
required for the deserializer to indicate lock upon power-up or when leaving the power-down mode. Synchronization patterns should be sent to the device before
initiating either condition. tDSR2 is the time required to indicate lock for the powered-up and enabled deserializer when the input (RI+ and RI-) conditions change
from not receiving data to receiving synchronization patterns (SYNCPATs).
Note 6: tRNMI is a measure of how much phase noise (jitter) the deserializer can tolerate in the incoming data stream before bit errors occur. It is a measurement
in reference with the ideal bit position, please see National’s AN-1217 for detail.
Note 7: Sync pattern is a fixed pattern with 8-bit of data high followed by 8-bit of data low.
www.national.com
5


Similar Part No. - DS92LV16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV16 TI-DS92LV16 Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
DS92LV16TVHG TI-DS92LV16TVHG Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
DS92LV16TVHG/NOPB TI-DS92LV16TVHG/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
DS92LV16TVHGX TI-DS92LV16TVHGX Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
DS92LV16TVHGX/NOPB TI-DS92LV16TVHGX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
More results

Similar Description - DS92LV16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV16 TI-DS92LV16 Datasheet
1Mb / 25P
[Old version datasheet]   DS92LV16 16-Bit Bus LVDS Serializer/Deserializer - 25 - 80 MHz
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS92LV18 NSC-DS92LV18 Datasheet
469Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
Texas Instruments
DS92LV18 TI1-DS92LV18_15 Datasheet
1Mb / 26P
[Old version datasheet]   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
logo
National Semiconductor ...
DS92LV18 NSC-DS92LV18_06 Datasheet
855Kb / 20P
   18-Bit Bus LVDS Serializer/Deserializer - 15-66 MHz
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
DS92LV1021A NSC-DS92LV1021A Datasheet
209Kb / 12P
   16-40 MHz 10 Bit Bus LVDS Serializer
logo
Texas Instruments
DS92LV1021A TI1-DS92LV1021A_14 Datasheet
1,007Kb / 18P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com