Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7301QDG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7301QDG4
Description  LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7301QDG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS7301QDG4 Datasheet HTML 1Page - Texas Instruments TPS7301QDG4 Datasheet HTML 2Page - Texas Instruments TPS7301QDG4 Datasheet HTML 3Page - Texas Instruments TPS7301QDG4 Datasheet HTML 4Page - Texas Instruments TPS7301QDG4 Datasheet HTML 5Page - Texas Instruments TPS7301QDG4 Datasheet HTML 6Page - Texas Instruments TPS7301QDG4 Datasheet HTML 7Page - Texas Instruments TPS7301QDG4 Datasheet HTML 8Page - Texas Instruments TPS7301QDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
TPS7301Q, TPS7325Q, TPS7330Q, TPS7333Q, TPS7348Q, TPS7350Q
LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED DELAYED RESET FUNCTION
SLVS124F – JUNE 1995 – REVISED JANUARY 1999
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS73xxY chip information
These chips, when properly assembled, display characteristics similar to those of the TPS73xxQ. Thermal
compression or ultrasonic bonding may be used on the doped aluminum bonding pads. Chips may be mounted
with conductive epoxy or a gold-silicon preform.
(6)
(4)
(3)
(7)
(2)
(1)
GND
FB‡
OUT
RESET
IN
EN
TPS73xx
80
92
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
† SENSE – Fixed voltage options only (TPS7325, TPS7330,
TPS7333, TPS7348, and TPS7350)
‡ FB – Adjustable version only (TPS7301)
BONDING PAD ASSIGNMENTS
SENSE†
(5)
NOTE A. For most applications, OUT and SENSE should
be tied together as close as possible to the device;
for other implementations, refer to SENSE-pin
connection
discussion
in
the
applications
information section of this data sheet.
(3)
(4)
(5)
(6)
(7)
(2)
(1)
functional block diagram
_
+
Vref
OUT
SENSE§/FB
EN
IN
GND
R1
R2
RESET
_
+
TPS7301
TPS7325
TPS7330
TPS7333
TPS7348
TPS7350
DEVICE
UNIT
R1
R2
0
260
358
420
726
756
233
233
233
233
233
k
k
k
k
k
RESISTOR DIVIDER OPTIONS
§ For most applications, SENSE should be externally connected to OUT as close as possible to the device. For other implementations, refer to
SENSE-pin connection discussion in applications information section.
¶ Switch positions are shown with EN low (active).
NOTE A. Resistors are nominal values only.
Delayed
Reset
¶¶
MOS transistors
Bilpolar transistors
Diodes
Capacitors
Resistors
COMPONENT COUNT
464
41
4
17
76


Similar Part No. - TPS7301QDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7301QDG4 TI1-TPS7301QDG4 Datasheet
954Kb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
More results

Similar Description - TPS7301QDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7301Q TI-TPS7301Q Datasheet
638Kb / 43P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
TPS7301Q TI1-TPS7301Q_12 Datasheet
954Kb / 45P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
   Low-Dropout System Voltage Regulator with Delayed Reset
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
Sanyo Semicon Device
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
   Low-Dropout Voltage Regulator with Reset and On-Off Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com