Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71818-33 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS71818-33
Description  Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71818-33 Datasheet(HTML) 1 Page - Texas Instruments

  TPS71818-33 Datasheet HTML 1Page - Texas Instruments TPS71818-33 Datasheet HTML 2Page - Texas Instruments TPS71818-33 Datasheet HTML 3Page - Texas Instruments TPS71818-33 Datasheet HTML 4Page - Texas Instruments TPS71818-33 Datasheet HTML 5Page - Texas Instruments TPS71818-33 Datasheet HTML 6Page - Texas Instruments TPS71818-33 Datasheet HTML 7Page - Texas Instruments TPS71818-33 Datasheet HTML 8Page - Texas Instruments TPS71818-33 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
TPS718xx
TPS719xx
GND
EN1
EN2
OUT2
IN
OUT1
V
IN
V
OUT
V
OUT
1 F
m
1 F
m
1 F
m
TypicalApplicationCircuit
2.7Vto6.5V
0.9Vto3.6V
0.9V
3.6V
-
On
Off
On
Off
EN1
GND
GND
EN2
6
5
4
OUT1
IN
OUT2
1
2
3
TPS718xx,TPS719xx
DRVPackage
2mmx2mmSON-6
(TopView)
OUT1
IN
OUT2
EN1
GND
EN2
A1
B1
C1
A2
B2
C2
TPS718Axx,TPS719Axx
YZCPackage
6-BALLWCSP
(TopView)
OUT1
IN
OUT2
EN1
GND
EN2
C2
B2
A2
C1
B1
A1
TPS718xx,TPS719xx
YZCPackage
6-BALLWCSP
(TopView)
TPS718xx
TPS719xx
www.ti.com..................................................................................................................................................... SBVS088C – FEBRUARY 2007 – REVISED MAY 2008
Dual, 200mA Output, Low Noise, High PSRR
Low-Dropout Linear Regulators
23
• Dual, 200mA High-Performance LDOs
The TPS718xx and TPS719xx families of low-dropout
(LDO) regulators offer a high power-supply rejection
• Low Total Quiescent Current: 90µA with Both
ratio (PSRR), low noise, fast start-up, and excellent
LDOs Enabled
line and load transient responses while consuming a
• Low Noise: 70µV
RMS/V
very low 90
µA (typical) at no load ground current with
• Active Output Pulldown (TPS719xx)
both LDOs enabled. The TPS719xx also provides an
active pulldown circuit to quickly discharge output
• Independent Enables for Each LDO
loads. The TPS718xx and TPS719xx are stable with
• PSRR: 65dB at 1kHz, 45dB at 1MHz
ceramic capacitors and use an advanced BiCMOS
• Available in Multiple Fixed-Output Voltage
fabrication process to yield a typical dropout voltage
Combinations from 0.9V to 3.6V Using
of 230mV at 200mA output loads. The TPS718xx and
Innovative Factory EEPROM Programming
TPS719xx also use a precision voltage reference and
feedback loop to achieve 3% overall accuracy over all
• Fast Start-Up Time: 160µs
load, line, process, and temperature variations. Both
• Over-Current, Over-Temperature and
families of devices are fully specified from TJ = –40°C
Under-Voltage Protection
to +125
°C and are offered in 2mm × 2mm SON-6 and
• Low Dropout: 230mV at 200mA
6-ball Wafer Chip-Scale (WCSP) packages that are
ideal for applications such as mobile handsets and
• Stable with 1µF Ceramic Output Capacitor
WLAN that require good thermal dissipation while
• Available in 2mm × 2mm SON-6 and 6-Ball
maintaining a very small footprint.
WCSP Packages
• Digital Cameras and Camera Modules
• Cellular Camera and TV Phones
• Wireless LAN, Bluetooth®
• Handheld Products
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Bluetooth is a registered trademark of Bluetooth SIG, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS71818-33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71818-33DRVR TI-TPS71818-33DRVR Datasheet
506Kb / 15P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
TPS71818-33DRVR TI-TPS71818-33DRVR Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71818-33DRVR TI1-TPS71818-33DRVR Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71818-33DRVR TI1-TPS71818-33DRVR Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71818-33DRVT TI-TPS71818-33DRVT Datasheet
506Kb / 15P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
More results

Similar Description - TPS71818-33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374_04 Datasheet
1Mb / 19P
   Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
logo
Texas Instruments
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374 Datasheet
2Mb / 14P
   200mA, Ultra-Low-Noise, High-PSRR, Dual Low Dropout Regulators
logo
Texas Instruments
TPS718XX TI-TPS718XX Datasheet
506Kb / 15P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com