Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS728185315YZUR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS728185315YZUR
Description  200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS728185315YZUR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS728185315YZUR Datasheet HTML 3Page - Texas Instruments TPS728185315YZUR Datasheet HTML 4Page - Texas Instruments TPS728185315YZUR Datasheet HTML 5Page - Texas Instruments TPS728185315YZUR Datasheet HTML 6Page - Texas Instruments TPS728185315YZUR Datasheet HTML 7Page - Texas Instruments TPS728185315YZUR Datasheet HTML 8Page - Texas Instruments TPS728185315YZUR Datasheet HTML 9Page - Texas Instruments TPS728185315YZUR Datasheet HTML 10Page - Texas Instruments TPS728185315YZUR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
15
10
5
0
-5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
(mA)
OUT
T = -
°
J
40 C
T
J =+25°C
T
J =+85°C
T
J =+125°C
10
5
0
-5
-10
-15
-20
-25
0
20
40
60
80
100
120 140
160 180
200
I
(mA)
OUT
T = 40
-
°
J
C
T
J =+25°C
T
J =+85°C
T
J =+125°C
8
6
4
2
0
-2
-4
-6
-8
-10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
(mA)
OUT
T = 40
-
°
J
C
T
J =+25°C
T
J =+85°C
T
J =+125°C
10
5
0
-5
-10
-15
-20
-25
-30
-35
0
20
40
60
80
100
120 140
160 180
200
I
(mA)
OUT
T = 40
-
°
J
C
T
J =+25°C
T
J =+85°C
T
J =+125°C
25
20
15
10
5
0
-5
-10
-15
-20
-25
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
I
(mA)
OUT
T = 40
-
°
J
C
T
J =+25°C
T
J =+85°C
T
J =+125°C
25
20
15
10
5
0
-5
-10
-15
-20
-25
0
20
40
60
80
100
120 140
160 180
200
I
(mA)
OUT
T = 40
-
°
J
C
T
J =+25°C
T
J =+85°C
T
J =+125°C
TPS728xx Series
SBVS095 – AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater;
IOUT = 0.5mA, VEN = VSET = VIN, COUT = 1.0μF, unless otherwise noted. Typical values are at TJ = +25°C.
LOAD REGULATION UNDER LIGHT LOADS
LOAD REGULATION
VOUT = 0.9V (nom)
VOUT = 0.9V (nom)
Figure 8.
Figure 9.
LOAD REGULATION UNDER LIGHT LOADS
LOAD REGULATION
VOUT = 1.85V (nom)
VOUT = 1.85V (nom)
Figure 10.
Figure 11.
LOAD REGULATION UNDER LIGHT LOADS
LOAD REGULATION
VOUT = 3.6V (nom)
VOUT = 3.6V (nom)
Figure 12.
Figure 13.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS728185315YZUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728185315YZUR TI-TPS728185315YZUR Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315YZUR TI1-TPS728185315YZUR Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315YZUR TI1-TPS728185315YZUR Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315YZUR TI1-TPS728185315YZUR Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315YZUR TI1-TPS728185315YZUR Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results

Similar Description - TPS728185315YZUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_V01 Datasheet
2Mb / 31P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_10 Datasheet
548Kb / 16P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728 TI-TPS728_15 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728180285 TI1-TPS728180285 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728330180 TI1-TPS728330180 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728120150 TI1-TPS728120150 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com