Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS70625DBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70625DBVT
Description  150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70625DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS70625DBVT Datasheet HTML 7Page - Texas Instruments TPS70625DBVT Datasheet HTML 8Page - Texas Instruments TPS70625DBVT Datasheet HTML 9Page - Texas Instruments TPS70625DBVT Datasheet HTML 10Page - Texas Instruments TPS70625DBVT Datasheet HTML 11Page - Texas Instruments TPS70625DBVT Datasheet HTML 12Page - Texas Instruments TPS70625DBVT Datasheet HTML 13Page - Texas Instruments TPS70625DBVT Datasheet HTML 14Page - Texas Instruments TPS70625DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Thermal
Shutdown
Current
Limit
Bandgap
IN
EN
OUT
Logic
GND
Device
TPS706
www.ti.com
SBVS245A – OCTOBER 2014 – REVISED MARCH 2015
7 Detailed Description
7.1 Overview
The TPS706 series are ultralow quiescent current, low-dropout (LDO) linear regulators. The TPS706 offers
reverse current protection to block any discharge current from the output into the input. The TPS706 also
features current limit and thermal shutdown for reliable operation.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Undervoltage Lockout (UVLO)
The TPS706 uses an undervoltage lockout (UVLO) circuit to keep the output shut off until the internal circuitry
operates properly.
7.3.2 Shutdown
The enable pin (EN) is active high. Enable the device by forcing the EN pin to exceed VEN(HI) (0.9 V, minimum).
Turn off the device by forcing the EN pin to drop below 0.4 V. If shutdown capability is not required, connect EN
to IN.
7.3.3 Reverse Current Protection
The TPS706 has integrated reverse current protection. Reverse current protection prevents the flow of current
from the OUT pin to the IN pin when output voltage is higher than input voltage. The reverse current protection
circuitry places the power path in high impedance when the output voltage is higher than the input voltage. This
setting reduces leakage current from the output to the input to 10 nA, typical. The reverse current protection is
always active regardless of the enable pin logic state or if the OUT pin voltage is greater than 1.8 V. Reverse
current can flow if the output voltage is less than 1.8 V and if input voltage is less than the output voltage.
If voltage is applied to the input pin, then the maximum voltage that can be applied to the OUT pin is the lower of
three times the nominal output voltage or 6.5 V. For example, if the 1.2-V output voltage version is used, then the
maximum reverse bias voltage that can be applied to the OUT pin is 3.6 V. If the 3.3-V output voltage version is
used, then the maximum reverse bias voltage that can be applied to the OUT pin is 6.5 V.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS706


Similar Part No. - TPS70625DBVT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS706 TOSHIBA-TPS706 Datasheet
182Kb / 4P
   PHOTO DIODE SILICON PIN
logo
Texas Instruments
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS70625DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com