Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71401DCKT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71401DCKT
Description  80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71401DCKT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS71401DCKT Datasheet HTML 6Page - Texas Instruments TPS71401DCKT Datasheet HTML 7Page - Texas Instruments TPS71401DCKT Datasheet HTML 8Page - Texas Instruments TPS71401DCKT Datasheet HTML 9Page - Texas Instruments TPS71401DCKT Datasheet HTML 10Page - Texas Instruments TPS71401DCKT Datasheet HTML 11Page - Texas Instruments TPS71401DCKT Datasheet HTML 12Page - Texas Instruments TPS71401DCKT Datasheet HTML 13Page - Texas Instruments TPS71401DCKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Jun-2016
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPS71401DCKR
ACTIVE
SC70
DCK
5
3000
Green (RoHS
& no Sb/Br)
CU NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
CVG
TPS71401DCKT
ACTIVE
SC70
DCK
5
250
Green (RoHS
& no Sb/Br)
CU NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
CVG
TPS71401DRVR
ACTIVE
WSON
DRV
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
CVG
TPS71401DRVT
ACTIVE
WSON
DRV
6
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
CVG
TPS71433DCKR
ACTIVE
SC70
DCK
5
3000
Green (RoHS
& no Sb/Br)
CU NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
CVH
TPS71433DCKT
ACTIVE
SC70
DCK
5
250
Green (RoHS
& no Sb/Br)
CU NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
CVH
TPS71433DRVR
ACTIVE
WSON
DRV
6
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
CVH
TPS71433DRVT
ACTIVE
WSON
DRV
6
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 125
CVH
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.


Similar Part No. - TPS71401DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71401DCKT TI1-TPS71401DCKT Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
TPS71401DCKT TI1-TPS71401DCKT Datasheet
3Mb / 38P
[Old version datasheet]   TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results

Similar Description - TPS71401DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71401 TI-TPS71401 Datasheet
688Kb / 16P
[Old version datasheet]   80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71433DCKR TI1-TPS71433DCKR Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
logo
Texas Instruments
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
logo
Shenzhen Huazhimei Semi...
HM53XXB HMSEMI-HM53XXB Datasheet
2Mb / 15P
   35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
HM53XXAB HMSEMI-HM53XXAB Datasheet
2Mb / 15P
   35V, 1.6關A ultra-low quiescent current, 200mA, low dropout linear regulator
logo
Texas Instruments
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com