Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC-101R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DC-101R
Description  1.8watt 24pins DIP/DIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DC-101R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DC-101R Datasheet HTML 1Page - List of Unclassifed Manufacturers DC-101R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.8watt 24pins DIP/DIL package
YCL
100/200 series
Date: Jan 01, 2000.
10
Model Selection Table:
Input
Output
Efficienc
External
Model no.
Voltage
Current(mA)
Voltage
Current
(mA)
TypicalÀ
typical
Package
FuseÁ
(Vdc)
No-Load Full-Load
(Vdc)
(mA)
%
(A)
DC-101R
5
80
635
9
200
57
A
1.5
DC-102R
5
70
720
5
360
50
A
1.5
DC-108R
12
25
277
5
360
54
A
1.5
DC-109R
12
30
255
9
200
58
A
1.5
DC-110R
12
45
255
12
150
59
A
0.5
DC-113R
24
15
150
5
360
50
A
0.5
DC-202R
5
100
720
5
360
49
B
1.5
DC-203R
5
70
630
12
150
57
B
1.5
DC-204R
5
70
550
15
120
64
B
1.5
DC-205R
5
70
770
±5
±180
51
B
1.5
DC-206R
5
120
640
±12
±75
56
B
1.5
DC-207R
5
60
620
±15
±60
58
B
1.5
DC-208R
12
22
290
5
360
52
B
0.5
DC-210R
12
26
250
12
150
60
B
0.5
DC-211R
12
20
260
±12
±75
62
B
0.5
DC-212R
12
25
235
±15
±60
64
B
0.5
DC-213R
24
20
150
5
360
50
B
0.5
DC-214R
24
16
130
12
150
58
B
0.5
DC-215R
24
25
140
15
120
55
B
0.5
DC-224R
24
20
240
±5
±180
53
B
0.5
DC-216R
24
15
130
±12
±75
58
B
0.2
DC-217R
24
15
125
±15
±60
60
B
0.2
DC-218R
48
15
75
5
360
51
B
0.2
DC-221R
48
10
70
±12
±75
55
B
0.2
DC-222R
48
15
65
±15
±60
57
B
0.2
¬
Efficiency is specified at nominal input voltage and full load.
Á
Certain applications may require the installation of external fuse in front of the input.
Package A:
Package B:
Unit: mm(inch)
±0.25(0.010)


Similar Part No. - DC-101R

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
DC-101-1 INTRONICS-DC-101-1 Datasheet
247Kb / 1P
   1 WATT SINGLE OUTPUT DC-DC CONVERTERS
More results

Similar Description - DC-101R

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO5060 MTRONPTI-XO5060 Datasheet
57Kb / 1P
   Standard DIP/DIL Package
logo
Harwin Plc
D8864-42 HARWIN-D8864-42 Datasheet
150Kb / 1P
   1.778mm (0.07") PITCH 64-WAY DIL IC SOCKET (SHRINK-DIP)
logo
MTRONPTI
XO7010 MTRONPTI-XO7010 Datasheet
71Kb / 1P
   High Frequency Fundamental Wide Pulling Range Standard 14 Pin DIP/DIL
logo
Precid-Dip Durtal SA
110-87-304-41-001101 PREDIP-110-87-304-41-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
150-80-316-00-006101 PREDIP-150-80-316-00-006101 Datasheet
20Kb / 4P
   DIL SOCKETS
150-10-632-00-001101 PREDIP-150-10-632-00-001101 Datasheet
20Kb / 3P
   DIL SOCKETS
110-83-316-41-001101 PREDIP-110-83-316-41-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
110-83-628-41-001101 PREDIP-110-83-628-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
110-87-210-41-001101 PREDIP-110-87-210-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
110-87-628-41-001101 PREDIP-110-87-628-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com